Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVC2T45 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AVC2T45
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AVC2T45 Datasheet HTML 1Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 2Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 3Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 4Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 5Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
74AVC2T45_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 July 2007
2 of 28
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
I Inputs accept voltages up to 3.6 V
I Low noise overshoot and undershoot < 10 % of VCC
I IOFF circuitry provides partial Power-down mode operation
I SOT765-1 and SOT833-1 package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AVC2T45DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74AVC2T45GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
Table 2.
Marking
Type number
Marking code
74AVC2T45DC
B45
74AVC2T45GT
B45
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag577
DIR
1B
2B
7
6
1A
2A
5
2
3
VCC(A)
VCC(B)
001aag578
DIR
1B
2B
1A
2A
VCC(A)
VCC(B)


Similar Part No. - 74AVC2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
logo
NXP Semiconductors
74AVC2T45DC NXP-74AVC2T45DC Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
74AVC2T45DC NXP-74AVC2T45DC Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
More results

Similar Description - 74AVC2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45DP NXP-74AVC2T45DP Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com