Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1909 Datasheet(PDF) 4 Page - ams AG

Part # AS1909
Description  Low-Voltage Microprocessor Reset Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1909 Datasheet(HTML) 4 Page - ams AG

  AS1909 Datasheet HTML 1Page - ams AG AS1909 Datasheet HTML 2Page - ams AG AS1909 Datasheet HTML 3Page - ams AG AS1909 Datasheet HTML 4Page - ams AG AS1909 Datasheet HTML 5Page - ams AG AS1909 Datasheet HTML 6Page - ams AG AS1909 Datasheet HTML 7Page - ams AG AS1909 Datasheet HTML 8Page - ams AG AS1909 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.austriamicrosystems.com
Revision 1.02
4 - 10
AS1907/AS1908/AS1909
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VCC = Full Range, TAMB = -40 to +125ºC (unless otherwise specified). Typ values are at VCC = +3.0V, TAMB = +25ºC.
Table 4. Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage Range
VCC
TAMB = 0 to +85ºC
AS1907, AS1908
0.7
3.6
V
AS1909
1.0
3.6
TAMB = -40 to +85ºC
AS1907, AS1908
0.78
3.6
AS1909
1.2
3.6
TAMB = -40 to +125ºC
1.2
3.6
Supply Current
1
1. Not valid if VCC = VTH.
ICC
VCC = 1.8V, no load
2.4
6.0
µA
VCC = 2.5V, no load
2.6
7.0
RESET Threshold Voltage
VTH
TAMB = +25ºC
VTH -
0.9%
VTH
VTH +
0.9%
V
TAMB = -40 to +125ºC
VTH -
3%
VTH
VTH +
3%
V
VCC Falling Reset Delay
tRD
VCC falling at 10V/ms
33
µs
RESET Active
Time-Out Period
tTP
AS190x-Azz-T
1
1.5
2
ms
AS190x-Bzz-T
20
30
40
AS190x-Czz-T
100
150
200
RESETN Output Low Voltage;
RESET asserted
(AS1907/AS1909)
VOL
ISINK = 50µA, VCC
≥ 1.0V
0.4
V
ISINK = 500µA, VCC
≥ 1.8V
0.3
RESETN Output High Voltage;
RESET Not Asserted (AS1907)
VOH
ISOURCE = 200µA, VCC
≥ 1.8V
0.8 x
VCC
V
ISOURCE = 500µA, VCC
≥ 2.7V
0.8 x
VCC
RESET Output Voltage; RESET
Asserted (AS1908)
VOH
ISOURCE = 1µA, VCC
≥ 1.0V
0.8 x
VCC
V
ISOURCE = 200µA, VCC
≥ 1.8V
0.8 x
VCC
RESET Output Voltage; RESET
Not Asserted (AS1908)
VOL
ISINK = 500µA, VCC
≥ 1.8V
0.3
V
ISINK = 1.2mA, VCC
≥ 2.7V
0.3
RESETN Output Leakage
Current; RESETN
Deasserted (AS1909)
ILEAK
VCC > VTH
0.5
µA


Similar Part No. - AS1909

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1909 AMSCO-AS1909 Datasheet
341Kb / 10P
   Low-Voltage Microprocessor Reset Circuits
AS1909 AMSCO-AS1909 Datasheet
122Kb / 10P
   Low-Voltage Microprocessor Reset Circuits
AS1909C16-T AMSCO-AS1909C16-T Datasheet
341Kb / 10P
   Low-Voltage Microprocessor Reset Circuits
AS1909C16-T AMSCO-AS1909C16-T Datasheet
122Kb / 10P
   Low-Voltage Microprocessor Reset Circuits
AS1909C168-T AMSCO-AS1909C168-T Datasheet
341Kb / 10P
   Low-Voltage Microprocessor Reset Circuits
More results

Similar Description - AS1909

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1907 AMSCO-AS1907_04 Datasheet
122Kb / 10P
   Low-Voltage Microprocessor Reset Circuits
AS1907 AMSCO-AS1907_01 Datasheet
341Kb / 10P
   Low-Voltage Microprocessor Reset Circuits
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com