Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3NC-PB2A Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # K3NC-PB2A
Description  Up/Down Counting Meter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3NC-PB2A Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button K3NC-PB2A Datasheet HTML 6Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 7Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 8Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 9Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 10Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 11Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 12Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 13Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
C-140
Up/Down Counting Meter
K3NC
Example of Connection to Programmable Controller
24 VDC
2. 1
3. 2
4. 4
5. 8
10
0
COM
240
240
240
240
+5 V
+24 V
0 V
COM
(0 V)
DC power supply
30. RESET
31. POLARITY
26. REQUEST
25. COMMON
24. RUN
1. COMMON
IN
IN
IN
IN
IN
IN
OUT
OUT
K3NC
Transistor Output Unit
DC power supply
23. DATA VALID
(Polarity: +,
−)
PC (SYSMAC)
DC Input Unit


Similar Part No. - K3NC-PB2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K3NR ETC1-K3NR Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB1A ETC1-K3NR-NB1A Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB1C ETC1-K3NR-NB1C Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB2A ETC1-K3NR-NB2A Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB2C ETC1-K3NR-NB2C Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
More results

Similar Description - K3NC-PB2A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
   Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
   Turns-Counting Dial
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
   Turns-Counting Dial
logo
WAGO Kontakttechnik Gmb...
753-404 WAGO-753-404 Datasheet
577Kb / 12P
   Up/Down Counter
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
   Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Texas Instruments
CD54HC190 TI1-CD54HC190_15 Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
Microsemi Corporation
TSC373 MICROSEMI-TSC373 Datasheet
1Mb / 4P
   Up-Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com