Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S510 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # S510
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

S510 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  S510 Datasheet HTML 1Page - Pan Jit International Inc. S510 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-JUL.01.2004
R
ATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE
CURRENT
LEAD TEMPERATURE, C
O
NO. OF CYCLE AT 60HZ
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.5m m LEAD LENGTH
0
20
40
60
80
100
120
140
160
180
4
3
2
1
0
5
Fig.3- TYPICAL REVERSE CHARACTERISTIC
T =100 C
J
O
T=
C
J25
O
V
=20-40V
V
=50-60V
V
=80-100V
RRM
RRM
RRM
20
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHRACTERISTIC
0.2
0.1
1.0
10
0.4
0.6
0.8
1.0
T =25 C
A
O
20-40V
50-60V
80-100V
FORWARD VOLTAGE, VOLTS
1
10
100
0
20
40
60
80
100


Similar Part No. - S510

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S510 PANJIT-S510 Datasheet
73Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Won-Top Electronics
S510 WTE-S510 Datasheet
45Kb / 4P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
A-Data Technology
S510 A-DATA-S510 Datasheet
405Kb / 2P
   ADATA S510 Solid State Drive
logo
Continental Device Indi...
S510 CDIL-S510 Datasheet
268Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
S510 HOTTECH-S510 Datasheet
170Kb / 2P
   SCHOTTKY DIODES
More results

Similar Description - S510

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com