Part Name
         Description
SR22E

 MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER ( 2 Page)


PANJIT
100% 
Zoom Out Zoom In
   
 1 page
background image
PAGE . 1
STAD-NOV.22.2004
DATA SHEET
SR22E~SR26E
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications
• Pb free product are available : 99% Sn above can meet Rohs environment
substance directive request
. ESD Passed devices : Air mode 15KV ,human body mode 8KV
MECHANICALDATA
Case: JEDEC DO-214AC molded plastic
Terminals:Solder plated, solderable per MIL-STD-202G,
Method 208
Polarity: Color band denotes positive end (cathode)
Standard packaging: 12mm tape (EIA-481)
Weight: 0.002 ounce, 0.064 gram
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
NOTES:
1. Pulse Test with PW =300µsec, 1% Duty Cycle.
2. Mounted on P.C. Board with 8mm2 (.013mm thick) copper pad areas.
SMA/DO-214AC
Unit: inch (mm)
.181(4.60)
.208(5.28)
.060(1.52)
.008(.203)
.012(.305)
.157(4.00)
.188(4.80)
.030(0.76)
.002(.051)
.006(.152)
VOLTAGE
20 to 60 Volts
2.0 Amperes
CURRENT
PARAMETER
SYMBOL
SR22E
SR23E
SR24E
SR25E
SR26E
UNITS
Maximum Recurrent Peak Reverse
Voltage
V RRM
20
30
40
50
60
V
Maximum RMS Voltage
V RMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
V DC
20
30
40
50
60
V
Maximum Average Forward Rectified
Current .375" (9.5mm) lead length at TL
=75
O
C
I AV
2
A
Peak Forward Surge Current :8.3ms
single half sine-wave superimposed on
rated load(JEDEC method)
I FSM
50
A
Maximum Forward Voltage at 2.0A
V F
0.5
0.7
V
Maximum DC Reverse Current TA=25
O
C
at Rated DC Blocking Voltage TA=100
O
C
I R
0.5
20
mA
Maximunl Thermal Resisance
R ΘJL
R ΘJA
20
75
O
C / W
Operating Junction and Storage
Temperature Range
T J, T STG
-50 to +125
O
C



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SR22_05MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 Pan Jit International Inc.
USCD022SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 Zowie Technology Corporation
SB8150DC8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER 1 2 3 4 Won-Top Electronics
BYM13-20Surface Mount Schottky Barrier Rectifier 1 2 3 4 Seme LAB
B130LB_11.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
BAT400D_10.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
BAT760SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 Diodes Incorporated
B320_13.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
SC510SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 Zowie Technology Corporation
B320B3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl