Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29001UV-90 Datasheet(PDF) 6 Page - AMIC Technology

Part # A29001UV-90
Description  128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29001UV-90 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29001UV-90 Datasheet HTML 2Page - AMIC Technology A29001UV-90 Datasheet HTML 3Page - AMIC Technology A29001UV-90 Datasheet HTML 4Page - AMIC Technology A29001UV-90 Datasheet HTML 5Page - AMIC Technology A29001UV-90 Datasheet HTML 6Page - AMIC Technology A29001UV-90 Datasheet HTML 7Page - AMIC Technology A29001UV-90 Datasheet HTML 8Page - AMIC Technology A29001UV-90 Datasheet HTML 9Page - AMIC Technology A29001UV-90 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
A29001/A290011 Series
Requirements for Reading Array Data
To read array data from the outputs, the system must drive
the
CE and OE pins to VIL. CE is the power control and
selects the device.
OE is the output control and gates
array data to the output pins.
WE should remain at VIH all
the time during read operation. The internal state machine
is set for reading array data upon device power-up, or after
a hardware reset. This ensures that no spurious alteration
of the memory content occurs during the power transition.
No command is necessary in this mode to obtain array
data. Standard microprocessor read cycles that assert
valid addresses on the device address inputs produce valid
data on the device data outputs. The device remains
enabled for read access until the command register
contents are altered.
See "Reading Array Data" for more information. Refer to
the AC Read Operations table for timing specifications and
to the Read Operations Timings diagram for the timing
waveforms, lCC1 in the DC Characteristics table represents
the active current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive
WE and CE
to VIL, and
OE to VIH. An erase operation can erase one
sector, multiple sectors, or the entire device. The Sector
Address Tables indicate the address range that each
sector occupies. A "sector address" consists of the address
inputs required to uniquely select a sector. See the
"Command Definitions" section for details on erasing a
sector or the entire chip, or suspending/resuming the erase
operation.
After the system writes the autoselect command sequence,
the device enters the autoselect mode. The system can
then read autoselect codes from the internal register
(which is separate from the memory array) on I/O7 - I/O0.
Standard read cycle timings apply in this mode. Refer to
the
"Autoselect
Mode"
and
"Autoselect
Command
Sequence" sections for more information.
ICC2 in the Characteristics table represents the active
current
specification
for
the
write
mode.
The
"AC
Characteristics" section contains timing specification tables
and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status bits
on I/O7 - I/O0. Standard read cycle timings and ICC read
specifications apply. Refer to "Write Operation Status" for
Standby Mode
When the system is not reading or writing to the device, it
can place the device in the standby mode. In this mode,
current consumption is greatly reduced, and the outputs
are placed in the high impedance state, independent of the
OE input.
The device enters the CMOS standby mode when the
CE
& RESET pins ( CE only on A290011) are both held at
VCC
± 0.5V. (Note that this is a more restricted voltage
range than VIH.) The device enters the TTL standby mode
when
CE is held at VIH, while RESET (Not available on
A290011) is held at VCC
±0.5V. The device requires the
standard access time (tCE) before it is ready to read data.
If the device is deselected during erasure or programming,
the device draws active current until the operation is
completed.
ICC3 in the DC Characteristics tables represents the
standby current specification.
Output Disable Mode
When the
OE input is at VIH, output from the device is
disabled. The output pins are placed in the high impedance
state.
RESET : Hardware Reset Pin (N/A on A290011)
The RESET pin provides a hardware method of resetting
the device to reading array data. When the system drives
the RESET pin low for at least a period of tRP, the device
immediately terminates any operation in progress, tristates
all data output pins, and ignores all read/write attempts for
the duration of the RESET pulse. The device also resets
the internal state machine to reading array data. The
operation that was interrupted should be reinitiated once
the device is ready to accept another command sequence,
to ensure data integrity.
The RESET pin may be tied to the system reset circuitry.
A system reset would thus also reset the Flash memory,
enabling the system to read the boot-up firmware from the
Flash memory.
Refer to the AC Characteristics tables for RESET
parameters and diagram.
more information, and to each AC Characteristics section
for timing diagrams.
(December, 2004, Version 1.3)
5
AMIC Technology, Corp.


Similar Part No. - A29001UV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001UV-90 AMICC-A29001UV-90 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29001UV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29001 AMICC-A29001 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A290011B AMICC-A290011B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com