Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV393APWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV393APWRG4
Description  DUAL 4-BIT BINARY COUNTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV393APWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV393APWRG4 Datasheet HTML 1Page - Texas Instruments SN74LV393APWRG4 Datasheet HTML 2Page - Texas Instruments SN74LV393APWRG4 Datasheet HTML 3Page - Texas Instruments SN74LV393APWRG4 Datasheet HTML 4Page - Texas Instruments SN74LV393APWRG4 Datasheet HTML 5Page - Texas Instruments SN74LV393APWRG4 Datasheet HTML 6Page - Texas Instruments SN74LV393APWRG4 Datasheet HTML 7Page - Texas Instruments SN74LV393APWRG4 Datasheet HTML 8Page - Texas Instruments SN74LV393APWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54LV393A, SN74LV393A
DUAL 4BIT BINARY COUNTERS
SCLS457D − FEBRUARY 2001 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV393A
SN74LV393A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLK high or low
5
5
5
ns
tw
Pulse duration
CLR high
5
5
5
ns
tsu
Setup time
CLR inactive before CLK
6
6
6
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV393A
SN74LV393A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLK high or low
5
5
5
ns
tw
Pulse duration
CLR high
5
5
5
ns
tsu
Setup time
CLR inactive before CLK
5
5
5
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV393A
SN74LV393A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLK high or low
5
5
5
ns
tw
Pulse duration
CLR high
5
5
5
ns
tsu
Setup time
CLR inactive before CLK
4
4
4
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV393A
SN74LV393A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
50*
90*
40*
40
MHz
fmax
CL = 50 pF
30
70
25
25
MHz
QA
7.1*
17.7*
1*
20.5*
1
20.5
tpd
CLK
QB
8.5*
20.3*
1*
23.5*
1
23.5
tpd
CLK
QC
CL = 15 pF
10*
22.5*
1*
26*
1
26
ns
QD
CL = 15 pF
11.1*
24.2*
1*
28*
1
28
ns
tPHL
CLR
Qn
6.7*
14.8*
1*
17*
1
17
QA
9.3
21.3
1
24.5
1
24.5
tpd
CLK
QB
10.9
23.9
1
27.5
1
27.5
tpd
CLK
QC
CL = 50 pF
12.3
26.1
1
30
1
30
ns
QD
CL = 50 pF
13.4
27.8
1
32
1
32
ns
tPHL
CLR
Qn
9.1
17.4
1
20
1
20
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV393APWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV393APWR TI-SN74LV393APWR Datasheet
367Kb / 14P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
More results

Similar Description - SN74LV393APWRG4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Hitachi Semiconductor
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC393 HITACHI-HD74HC393 Datasheet
47Kb / 9P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A Datasheet
367Kb / 14P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI-SN54HC393_07 Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
   Dual 4-bit Binary Counters
HD74LS393 RENESAS-HD74LS393 Datasheet
69Kb / 7P
   Dual 4-bit Binary Counters
HD74LV393A RENESAS-HD74LV393A_15 Datasheet
110Kb / 13P
   Dual 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com