Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A290011UL-70F Datasheet(PDF) 7 Page - AMIC Technology

Part # A290011UL-70F
Description  128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A290011UL-70F Datasheet(HTML) 7 Page - AMIC Technology

Back Button A290011UL-70F Datasheet HTML 3Page - AMIC Technology A290011UL-70F Datasheet HTML 4Page - AMIC Technology A290011UL-70F Datasheet HTML 5Page - AMIC Technology A290011UL-70F Datasheet HTML 6Page - AMIC Technology A290011UL-70F Datasheet HTML 7Page - AMIC Technology A290011UL-70F Datasheet HTML 8Page - AMIC Technology A290011UL-70F Datasheet HTML 9Page - AMIC Technology A290011UL-70F Datasheet HTML 10Page - AMIC Technology A290011UL-70F Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
A29001/A290011 Series
Table 2. A29001/A290011 Top Boot Block Sector Address Table
Sector
A16
A15
A14
A13
A12
Sector Size
(Kbytes)
Address Range
SA0
0
0
X
X
X
32
00000h - 07FFFh
SA1
0
1
X
X
X
32
08000h - 0FFFFh
SA2
1
0
X
X
X
32
10000h - 17FFFh
SA3
1
1
0
X
X
16
18000h - 1BFFFh
SA4
1
1
1
0
0
4
1C000h - 1CFFFh
SA5
1
1
1
0
1
4
1D000h - 1DFFFh
SA6
1
1
1
1
X
8
1E000h - 1FFFFh
Table 3. A29001/A290011 Bottom Boot Block Sector Address Table
Sector
A16
A15
A14
A13
A12
Sector Size
(Kbytes)
Address Range
SA0
0
0
0
0
X
8
00000h - 01FFFh
SA1
0
0
0
1
0
4
02000h - 02FFFh
SA2
0
0
0
1
1
4
03000h - 03FFFh
SA3
0
0
1
X
X
16
04000h - 07FFFh
SA4
0
1
X
X
X
32
08000h - 0FFFFh
SA5
1
0
X
X
X
32
10000h - 17FFFh
SA6
1
1
X
X
X
32
18000h - 1FFFFh
Autoselect Mode
The autoselect mode provides manufacturer and device
identification, and sector protection verification, through
identifier codes output on I/O7
- I/O0. This mode is
primarily
intended
for
programming
equipment
to
automatically match a device to be programmed with its
corresponding programming algorithm. However, the
autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5V to 12.5 V) on address pinA9.
Address pins A6, A1, and AO must be as shown in
Autoselect Codes (High Voltage Method) table. In
addition, when verifying sector protection, the sector
address must appear on the appropriate highest order
address bits. Refer to the corresponding Sector Address
Tables. The Command Definitions table shows the
remaining address bits that are don't care. When all
necessary
bits
have
been
set
as
required,
the
programming
equipment
may
then
read
the
corresponding identifier code on I/O7 - I/O0.To access the
autoselect codes in-system, the host system can issue
the autoselect command via the command register, as
shown in the Command Definitions table. This method
does not require VID. See "Command Definitions" for
details on using the autoselect mode.
Table 4. A29001/A290011 Autoselect Codes (High Voltage Method)
Description
A16 - A12
A11 - A10
A9
A8 - A7
A6
A5 - A2
A1
A0
Identifier Code on
I/O7 - I/O0
Manufacturer ID: AMIC
X
X
VID
X
VIL
X
VIL
VIL
37h
Device ID: A29001/
A290011
X
X
VID
X
VIL
X
VIL
VIH
Top Boot Block: A1h
Bottom Boot Block: 4Ch
01h (protected)
Sector Protection
Verification
Sector
Address
X
VID
X
VIL
X
VIH
VIL
00h (unprotected)
Continuation ID
X
X
VID
X
VIL
X
VIH
VIH
7Fh
Note: CE =VIL, OE =VIL and WE =VIH when Autoselect Mode
(December, 2004, Version 1.3)
6
AMIC Technology, Corp.


Similar Part No. - A290011UL-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A290011UL-70 AMICC-A290011UL-70 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A290011UL-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29001 AMICC-A29001 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A290011B AMICC-A290011B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com