Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2920L075 Datasheet(PDF) 1 Page - Littelfuse

Part # 2920L075
Description  POLYFUSE짰 Resettable PTCs Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2920L075 Datasheet(HTML) 1 Page - Littelfuse

  2920L075 Datasheet HTML 1Page - Littelfuse 2920L075 Datasheet HTML 2Page - Littelfuse 2920L075 Datasheet HTML 3Page - Littelfuse 2920L075 Datasheet HTML 4Page - Littelfuse 2920L075 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
2920L Series
Specifications are subject to change without notice.

Electronics Designers Guide
2920L Series
The 2920L series device provides surface mount
overcurrent protection for medium voltage (
≤60V)
applications where resettable protection is desired.
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
typ
(
Ω)
R
1max
(
Ω)
2920L030
LF030
0.30
0.60
60
10
1.50
1.50
3.00
1.200
3.000
4.800
X
X
2920L050
LF050
0.50
1.00
60
10
1.50
2.50
4.00
0.350
0.870
1.400
X
X
2920L075
LF075
0.75
1.50
30
40
1.50
8.00
0.30
0.350
0.670
1.000
X
X
2920L100
LF100
1.10
2.20
33
40
1.50
8.00
0.50
0.120
0.270
0.410
X
X
2920L125
LF125
1.25
2.50
15
40
1.50
8.00
2.00
0.070
0.160
0.250
X
X
2920L150
LF150
1.50
3.00
33
40
1.50
8.00
2.00
0.080
0.150
0.230
X
X
2920L185
LF185
1.85
3.70
33
40
1.50
8.00
2.50
0.065
0.110
0.150
X
X
2920L200
LF200
2.00
4.00
15
40
1.50
8.00
5.00
0.050
0.090
0.125
X
X
2920L200/24
LF200-24
2.00
4.00
24
40
1.50
8.00
5.00
0.050
0.090
0.125
X
X
2920L250
LF250
2.50
5.00
15
40
1.50
8.00
10.00
0.035
0.060
0.085
X
X
2920L260
LF260
2.60
5.00
6
40
1.50
8.00
10.00
0.025
0.050
0.075
X
X
2920L300
LF300
3.00
5.00
6
40
1.50
8.00
20.00
0.015
0.033
0.048
X
X
2920L300/15
LF300-15
3.00
5.00
15
40
1.50
8.00
20.00
0.015
0.033
0.048
X
X
Description
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521
Features
Applications
• RoHS compliant and
lead-free
• Fast response to fault
currents
• High voltage
• Low-profile
• IEE1394 port protection
• Powered ethernet port
protection (IEEE 802.3 af)
• Automotive electronic
control module protection
• Low voltage telecom
equipment protection


Similar Part No. - 2920L075

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L075 LITTELFUSE-2920L075 Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 2920L Series
2920L075/60 LITTELFUSE-2920L075/60 Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 2920L Series
2920L075/60MR LITTELFUSE-2920L075/60MR Datasheet
420Kb / 6P
   2920L Series
2920L075/60MRHF LITTELFUSE-2920L075/60MRHF Datasheet
420Kb / 6P
   2920L Series
2920L075DR LITTELFUSE-2920L075DR Datasheet
420Kb / 6P
   2920L Series
More results

Similar Description - 2920L075

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0805L LITTELFUSE-0805L_06 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L LITTELFUSE-1812L_06 Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com