Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE180A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # P6KE180A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6KE180A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  P6KE180A Datasheet HTML 1Page - Pan Jit International Inc. P6KE180A Datasheet HTML 2Page - Pan Jit International Inc. P6KE180A Datasheet HTML 3Page - Pan Jit International Inc. P6KE180A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-MAY.25.2007
P6KE SERIES
r
e
b
m
u
N
t
r
a
P
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µµµµµ A
µµµµµ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
6
8
.
6
E
K
6
P
C
8
.
6
E
K
6
P
5
.
5
2
1
.
6
8
4
.
7
0
1
0
0
0
1
0
0
0
2
8
.
0
1
6
5
8
.
6
E
K
6
P
C
8
.
6
E
K
6
P
A
8
.
6
E
K
6
P
A
C
8
.
6
E
K
6
P
8
.
5
5
4
.
6
4
1
.
7
0
1
0
0
0
1
0
0
0
2
5
.
0
1
7
5
A
8
.
6
E
K
6
P
A
C
8
.
6
E
K
6
P
5
.
7
E
K
6
P
C
5
.
7
E
K
6
P
5
0
.
6
5
7
.
6
5
2
.
8
0
1
0
0
5
0
0
0
1
7
.
1
1
1
5
5
.
7
E
K
6
P
C
5
.
7
E
K
6
P
A
5
.
7
E
K
6
P
A
C
5
.
7
E
K
6
P
4
.
6
3
1
.
7
8
8
.
7
0
1
0
0
5
0
0
0
1
3
.
1
1
3
5
A
5
.
7
E
K
6
P
A
C
5
.
7
E
K
6
P
2
.
8
E
K
6
P
C
2
.
8
E
K
6
P
3
6
.
6
8
3
.
7
2
0
.
9
0
1
0
0
2
0
0
4
5
.
2
1
8
4
2
.
8
E
K
6
P
C
2
.
8
E
K
6
P
A
2
.
8
E
K
6
P
A
C
2
.
8
E
K
6
P
2
0
.
7
9
7
.
7
1
6
.
8
0
1
0
0
2
0
0
4
1
.
2
1
0
5
A
2
.
8
E
K
6
P
A
C
2
.
8
E
K
6
P
1
.
9
E
K
6
P
C
1
.
9
E
K
6
P
7
3
.
7
9
1
.
8
0
1
1
0
5
0
0
1
8
.
3
1
4
4
1
.
9
E
K
6
P
C
1
.
9
E
K
6
P
A
1
.
9
E
K
6
P
A
C
1
.
9
E
K
6
P
8
7
.
7
5
6
.
8
0
5
.
9
1
0
5
0
0
1
4
.
3
1
5
4
A
1
.
9
E
K
6
P
A
C
1
.
9
E
K
6
P
0
1
E
K
6
P
C
0
1
E
K
6
P
1
.
8
9
1
1
1
0
1
0
2
5
1
0
4
0
1
E
K
6
P
C
0
1
E
K
6
P
A
0
1
E
K
6
P
A
C
0
1
E
K
6
P
5
5
.
8
5
.
9
0
5
.
0
1
1
0
1
0
2
5
.
4
1
1
4
A
0
1
E
K
6
P
A
C
0
1
E
K
6
P
1
1
E
K
6
P
C
1
1
E
K
6
P
2
9
.
8
9
.
9
2
1
1
5
0
1
2
.
6
1
7
3
1
1
E
K
6
P
C
1
1
E
K
6
P
A
1
1
E
K
6
P
A
C
1
1
E
K
6
P
4
.
9
5
.
0
1
2
1
1
5
0
1
6
.
5
1
8
3
A
1
1
E
K
6
P
A
C
1
1
E
K
6
P
2
1
E
K
6
P
C
2
1
E
K
6
P
2
7
.
9
8
.
0
1
3
1
1
5
5
3
.
7
1
5
3
2
1
E
K
6
P
C
2
1
E
K
6
P
A
2
1
E
K
6
P
A
C
2
1
E
K
6
P
2
.
0
1
4
.
1
1
3
1
1
5
5
7
.
6
1
6
3
A
2
1
E
K
6
P
A
C
2
1
E
K
6
P
3
1
E
K
6
P
C
3
1
E
K
6
P
5
.
0
1
7
.
1
1
4
1
1
5
5
9
1
2
3
3
1
E
K
6
P
C
3
1
E
K
6
P
A
3
1
E
K
6
P
A
C
3
1
E
K
6
P
1
.
1
1
4
.
2
1
4
1
1
5
5
2
.
8
1
3
3
A
3
1
E
K
6
P
A
C
3
1
E
K
6
P
5
1
E
K
6
P
C
5
1
E
K
6
P
1
.
2
1
5
.
3
1
5
.
6
1
1
5
5
2
2
7
2
5
1
E
K
6
P
C
5
1
E
K
6
P
A
5
1
E
K
6
P
A
C
5
1
E
K
6
P
8
.
2
1
3
.
4
1
8
.
5
1
1
5
5
2
.
1
2
8
2
A
5
1
E
K
6
P
A
C
5
1
E
K
6
P
6
1
E
K
6
P
C
6
1
E
K
6
P
9
.
2
1
4
.
4
1
6
.
7
1
1
5
5
5
.
3
2
6
2
6
1
E
K
6
P
C
6
1
E
K
6
P
A
6
1
E
K
6
P
A
C
6
1
E
K
6
P
6
.
3
1
2
.
5
1
8
.
6
1
1
5
5
5
.
2
2
7
2
A
6
1
E
K
6
P
A
C
6
1
E
K
6
P
8
1
E
K
6
P
C
8
1
E
K
6
P
5
.
4
1
2
.
6
1
8
.
9
1
1
5
5
5
.
6
2
3
2
8
1
E
K
6
P
C
8
1
E
K
6
P
A
8
1
E
K
6
P
A
C
8
1
E
K
6
P
3
.
5
1
1
.
7
1
9
.
8
1
1
5
5
2
.
5
2
4
2
A
8
1
E
K
6
P
A
C
8
1
E
K
6
P
0
2
E
K
6
P
C
0
2
E
K
6
P
2
.
6
1
8
1
2
2
1
5
5
1
.
9
2
1
2
0
2
E
K
6
P
C
0
2
E
K
6
P
A
0
2
E
K
6
P
A
C
0
2
E
K
6
P
1
.
7
1
9
1
1
2
1
5
5
7
.
7
2
2
2
A
0
2
E
K
6
P
A
C
0
2
E
K
6
P
2
2
E
K
6
P
C
2
2
E
K
6
P
8
.
7
1
8
.
9
1
2
.
4
2
1
5
5
9
.
1
3
9
1
2
2
E
K
6
P
C
2
2
E
K
6
P
A
2
2
E
K
6
P
A
C
2
2
E
K
6
P
8
.
8
1
9
.
0
2
1
.
3
2
1
5
5
6
.
0
3
0
2
A
2
2
E
K
6
P
A
C
2
2
E
K
6
P
4
2
E
K
6
P
C
4
2
E
K
6
P
4
.
9
1
6
.
1
2
4
.
6
2
1
5
5
7
.
4
3
7
1
4
2
E
K
6
P
C
4
2
E
K
6
P
A
4
2
E
K
6
P
A
C
4
2
E
K
6
P
5
.
0
2
8
.
2
2
2
.
5
2
1
5
5
2
.
3
3
8
1
A
4
2
E
K
6
P
A
C
4
2
E
K
6
P
7
2
E
K
6
P
C
7
2
E
K
6
P
8
.
1
2
3
.
4
2
7
.
9
2
1
5
5
1
.
9
3
5
1
7
2
E
K
6
P
C
7
2
E
K
6
P
A
7
2
E
K
6
P
A
C
7
2
E
K
6
P
1
.
3
2
7
.
5
2
4
.
8
2
1
5
5
5
.
7
3
6
1
A
7
2
E
K
6
P
A
C
7
2
E
K
6
P
0
3
E
K
6
P
C
0
3
E
K
6
P
3
.
4
2
7
2
3
3
1
5
5
5
.
3
4
4
1
0
3
E
K
6
P
C
0
3
E
K
6
P
A
0
3
E
K
6
P
A
C
0
3
E
K
6
P
6
.
5
2
5
.
8
2
5
.
1
3
1
5
5
4
.
1
4
4
.
4
1
A
0
3
E
K
6
P
A
C
0
3
E
K
6
P
3
3
E
K
6
P
C
3
3
E
K
6
P
8
.
6
2
7
.
9
2
3
.
6
3
1
5
5
7
.
7
4
6
.
2
1
3
3
E
K
6
P
C
3
3
E
K
6
P
A
3
3
E
K
6
P
A
C
3
3
E
K
6
P
2
.
8
2
4
.
1
3
7
.
4
3
1
5
5
7
.
5
4
2
.
3
1
A
3
3
E
K
6
P
A
C
3
3
E
K
6
P
6
3
E
K
6
P
C
6
3
E
K
6
P
1
.
9
2
4
.
2
3
6
.
9
3
1
5
5
2
5
6
.
1
1
6
3
E
K
6
P
C
6
3
E
K
6
P
A
6
3
E
K
6
P
A
C
6
3
E
K
6
P
8
.
0
3
2
.
4
3
8
.
7
3
1
5
5
9
.
9
4
2
1
A
6
3
E
K
6
P
A
C
6
3
E
K
6
P
9
3
E
K
6
P
C
9
3
E
K
6
P
6
.
1
3
1
.
5
3
9
.
2
4
1
5
5
4
.
6
5
6
.
0
1
9
3
E
K
6
P
C
9
3
E
K
6
P
A
9
3
E
K
6
P
A
C
9
3
E
K
6
P
3
.
3
3
1
.
7
3
1
4
1
5
5
9
.
3
5
2
.
1
1
A
9
3
E
K
6
P
A
C
9
3
E
K
6
P
3
4
E
K
6
P
C
3
4
E
K
6
P
8
.
4
3
7
.
8
3
3
.
7
4
1
5
5
9
.
1
6
6
.
9
3
4
E
K
6
P
C
3
4
E
K
6
P
A
3
4
E
K
6
P
A
C
3
4
E
K
6
P
8
.
6
3
9
.
0
4
2
.
5
4
1
5
5
3
.
9
5
1
.
0
1
A
3
4
E
K
6
P
A
C
3
4
E
K
6
P
7
4
E
K
6
P
C
7
4
E
K
6
P
1
.
8
3
3
.
2
4
7
.
1
5
1
5
5
8
.
7
6
9
.
8
7
4
E
K
6
P
C
7
4
E
K
6
P
A
7
4
E
K
6
P
A
C
7
4
E
K
6
P
2
.
0
4
7
.
4
4
4
.
9
4
1
5
5
8
.
4
6
3
.
9
A
7
4
E
K
6
P
A
C
7
4
E
K
6
P


Similar Part No. - P6KE180A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE180A MOTOROLA-P6KE180A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
First Silicon Co., Ltd
P6KE180A FS-P6KE180A Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
ON Semiconductor
P6KE180A ONSEMI-P6KE180A Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
logo
UNIOHM CORPORATION
P6KE180A UNIOHM-P6KE180A Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
P6KE180A SUNMATE-P6KE180A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - P6KE180A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com