Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2046PCBA-41X Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2046PCBA-41X
Description  GENERAL PURPOSE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2046PCBA-41X Datasheet(HTML) 6 Page - RF Micro Devices

  RF2046PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-178
RF2046
Rev A11 050207
Reverse Isolation versus Frequency Across Temperature
ICC=35mA
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
Frequency (MHz)
-40°C
25°C
85°C
Typical Current versus Voltage
(At Evaluation Board Connect, RBIAS=22 Ohms)
10.0
20.0
30.0
40.0
50.0
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
VCC (V)
-40°C
25°C
85°C
Typical ICC versus VPIN
(At Pin 3)
10.0
20.0
30.0
40.0
50.0
3.2
3.3
3.4
3.5
3.6
3.7
3.8
VPIN (V)
-40°C
25°C
85°C
Vcc=4.2 V
Power Dissipated versus Voltage at Pin 3
(TAMBIENT=85°C)
0.00
0.05
0.10
0.15
0.20
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
3.50
VPIN (V)
TMAX versus PDISS
(TAMBIENT=85°C)
95.00
100.00
105.00
110.00
115.00
120.00
125.00
130.00
135.00
140.00
0.00
0.05
0.10
0.15
0.20
0.25
PDISS (W)
MTTF versus Junction Temperature (Valid for ICC<35mA)
RFMD HBT2um AlGaAs-2 (60% Confidence Interval)
10.0
100.0
1000.0
10000.0
100000.0
1000000.0
10000000.0
100.0
125.0
150.0
175.0
200.0
Junction Temperature (°C)


Similar Part No. - RF2046PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2046PCBA RFMD-RF2046PCBA Datasheet
97Kb / 6P
   GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2046PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
   GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
   General purpose amplifier
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
   General purpose amplifier
SBT5401F KODENSHI-SBT5401F Datasheet
267Kb / 5P
   General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com