Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4904 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4904
Description  Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4904 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4904 Datasheet HTML 1Page - Maxim Integrated Products MAX4904 Datasheet HTML 2Page - Maxim Integrated Products MAX4904 Datasheet HTML 3Page - Maxim Integrated Products MAX4904 Datasheet HTML 4Page - Maxim Integrated Products MAX4904 Datasheet HTML 5Page - Maxim Integrated Products MAX4904 Datasheet HTML 6Page - Maxim Integrated Products MAX4904 Datasheet HTML 7Page - Maxim Integrated Products MAX4904 Datasheet HTML 8Page - Maxim Integrated Products MAX4904 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Low-RON, Dual-SPST/Single-SPDT Clickless
Switches with Negative Rail Capability
_______________________________________________________________________________________
5
ON-RESISTANCE vs. COM VOLTAGE
COM VOLTAGE (V)
4
3
2
1
0
-1
-2
-3
1
2
3
4
5
6
0
-4
5
VCC = 1.8V
VCC = 2.0V
VCC = 2.3V
V+ = 2.5V
V+ = 3.0V
V+ = 5.0V
ON-RESISTANCE vs. COM VOLTAGE
COM VOLTAGE (V)
4
3
2
1
0
0.2
0.4
0.6
0.8
1.0
1.2
0
-1
5
VCC = 5.0V
TA = +85
°C
TA = +25
°C
TA = -40
°C
ON-RESISTANCE vs. COM VOLTAGE
COM VOLTAGE (V)
2
1
0
-1
-2
0.2
0.4
0.6
0.8
1.0
1.2
0
-3
3
VCC = 3.0V
TA = +85
°C
TA = +25
°C
TA = -40
°C
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(MAX4901–MAX4904)
SUPPLY VOLTAGE (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
0
0.1
0.2
0.3
0.4
0.5
0.6
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(MAX4905)
SUPPLY VOLTAGE (V)
5.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
1
2
3
4
5
6
0
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
10
20
30
40
50
60
70
0
tON
tOFF
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10
20
30
40
0
-40
85
tON
tOFF
VCC = 3.0V
LOGIC THRESHOLD vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
4.8
4.3
3.8
3.3
2.8
2.3
0.4
0.8
1.2
1.6
2.0
0
1.8
VIN RISING
VIN FALLING
Typical Operating Characteristics
(TA = +25°C, VCC = 3.0V, unless otherwise noted.)


Similar Part No. - MAX4904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX490 MAXIM-MAX490 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX490 MAXIM-MAX490 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX490 MAXIM-MAX490 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX490 ARTSCHIP-MAX490 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Maxim Integrated Produc...
MAX490 MAXIM-MAX490 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-0122; Rev 10; 9/14
More results

Similar Description - MAX4904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
AS1747 AMSCO-AS1747 Datasheet
415Kb / 13P
   Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability
logo
STMicroelectronics
STG5678 STMICROELECTRONICS-STG5678 Datasheet
588Kb / 23P
   Low voltage dual SPDT switch with negative rail capability
June 2010 Rev 3
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_V01 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. A, 28-Aug-06
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com