Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSD08TG Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSD08TG
Description  SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD08TG Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSD08TG Datasheet HTML 1Page - Pan Jit International Inc. PJSD08TG Datasheet HTML 2Page - Pan Jit International Inc. PJSD08TG Datasheet HTML 3Page - Pan Jit International Inc. PJSD08TG Datasheet HTML 4Page - Pan Jit International Inc. PJSD08TG Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-MAY.18.2007
PJSD03TG~PJSD36TG
VOLTAGE
POWER
3~36 Volts
100 Watts
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
• 100 Watts peak pules power( tp=8/20
µs)
• Small package for use in portable electronics
• Suitable replacement for MLV’S in ESD protection applications
• Low clamping voltage and leakage current
• In compliance with EU RoHS 2002/95/EC directives
MAXIMUM RATINGSAND ELECTRICALCHATACTERISTICS
• Case: SOD-723 plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx.Weight : 0.00077 gram
• Marking : PJSD03TG : FS
PJSD05TG : FT
PJSD08TG : FU
PJSD12TG : FV
PJSD15TG : FW
PJSD24TG : FX
PJSD36TG : FY
APPLICATIONS
FEATURES
ABSOLUTE MAXIMUM RATING
g
n
i
t
a
R
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
0
2
/
8
=
p
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
µ )
s
P
K
P
0
0
1
W
e
g
a
t
l
o
V
D
S
E
V
D
S
E
5
2
V
K
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
T
J
0
5
-
O
0
5
1
o
t
C
OC
OC
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
-
O
0
5
1
o
t
C
OC
OC
ELECTRICAL CHARA CTERISTICS
G
T
3
0
D
S
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
Ml
a
c
i
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
--
-
3
.
3V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
R
B
A
m
1
=4
-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
R
V
3
.
3
=-
-
5
2
1
µA
0
2
/
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ )
sV
C
I
P
P
A
1
=-
-
7
V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
0-
0
8
1-
F
p
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
3-
0
0
1-
F
p


Similar Part No. - PJSD08TG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD08TG PANJIT-PJSD08TG Datasheet
191Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results

Similar Description - PJSD08TG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TS-02-AU PANJIT-PJSD05TS-02-AU Datasheet
123Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W PANJIT-PJSD03W Datasheet
97Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TG PANJIT-PJSD03TG_09 Datasheet
191Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TS PANJIT-PJSD03TS_10 Datasheet
101Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJE24HWS PANJIT-PJE24HWS Datasheet
176Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03TS-AU PANJIT-PJSD03TS-AU Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD36W-AU PANJIT-PJSD36W-AU Datasheet
73Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
logo
Shenzhen Luguang Electr...
ESD5Z03T1 LUGUANG-ESD5Z03T1 Datasheet
216Kb / 4P
   Single Line TVS Diode For ESD Protection Portable Electronics
logo
Pan Jit International I...
PJSD05TS-02 PANJIT-PJSD05TS-02_13 Datasheet
95Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com