Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65101RGE Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65101RGE
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65101RGE Datasheet(HTML) 5 Page - Texas Instruments

  TPS65101RGE Datasheet HTML 1Page - Texas Instruments TPS65101RGE Datasheet HTML 2Page - Texas Instruments TPS65101RGE Datasheet HTML 3Page - Texas Instruments TPS65101RGE Datasheet HTML 4Page - Texas Instruments TPS65101RGE Datasheet HTML 5Page - Texas Instruments TPS65101RGE Datasheet HTML 6Page - Texas Instruments TPS65101RGE Datasheet HTML 7Page - Texas Instruments TPS65101RGE Datasheet HTML 8Page - Texas Instruments TPS65101RGE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
www.ti.com
DEVICE INFORMATION
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9 10 11 12
19
20
21
22
23
24
Exposed
Thermal Die*
COMP
ENR
EN
FB1
FB4
BASE
C2−/MODE
C2+
OUT3
FB3
VCOMIN
VCOM
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
FB1
FB4
BASE
VIN
SW
SW
PGND
PGND
SUP
VCOM
VCOMIN
FB3
EN
ENR
COMP
FB2
REF
GND
DRV
C1−
C1+
C2−/MODE
C2+
OUT3
PWP PACKAGE
TOP VIEW
RGE PACKAGE
TOP VIEW
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS (continued)
V
in = 3.3 V, EN = VIN, VO1 = 10 V, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI - VO4 - VBE ≥ 0.5 V (1)
13.5
19
IBASE
Maximum base drive current
mA
VI - VO4 - VBE ≥ 0.75 V (1)
20
27
Line regulation
4.75 V
≤ V
I ≤ 5.5 V, Iload = 500 mA
0.186
%/V
Load regulation
1 mA
≤ I
O ≤ 500 mA, VI = 5 V
0.064
%/A
Start up current
VO4 ≤ 0.8 V
11
20
25
mA
VCOM BUFFER
Vcm
Common mode input range
2.25
(VO1)-2
V
Vos
Input offset voltage
IO = 0 mA
-25
+25
mV
IO = ±25 mA
-30
37
IO = ±50 mA
-45
55
DC Load regulation
mV
IO = ±100 mA
-72
85
IO = ±150 mA
-97
110
IB
VCOMIN Input bias current
-300
-30
300
nA
VO1 = 15 V
1.2
A
Ipeak
Peak output current
VO1 = 10 V
0.65
A
VO1 = 5 V
0.15
A
FAULT PROTECTION THRESHOLDS
-8.75%
V(th, Vo1)
VO1 Rising
-12
-6
V
VO1
Shutdown threshold
V(th, Vo2)
VO2 Rising
-13
-9% VO2
-5
V
V(th, Vo3)
VO3 Rising
-11
-8% VO3
-5
V
(1)
With VI = supply voltage of the TPS6510x, VO4 = output voltage of the regulator, VBE = basis emitter voltage of external transistor
5
Submit Documentation Feedback


Similar Part No. - TPS65101RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100PWP TI-TPS65100PWP Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100QPWPRQ1 TI1-TPS65100QPWPRQ1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
More results

Similar Description - TPS65101RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com