Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR8PM Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CR8PM
Description  MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR8PM Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CR8PM Datasheet HTML 1Page - Powerex Power Semiconductors CR8PM Datasheet HTML 2Page - Powerex Power Semiconductors CR8PM Datasheet HTML 3Page - Powerex Power Semiconductors CR8PM Datasheet HTML 4Page - Powerex Power Semiconductors CR8PM Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR8PM
MEDIUM POWER USE
INSULATED TYPE, GLASS PASSIVATION TYPE
100
57 101 23 5 7 102 23 5
23 5
7103
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
VFGM = 6V
VGT = 1V
IGT = 15mA
PGM = 5W
VGD = 0.2V
IFGM = 2A
PG(AV)
= 0.5W
102
10–2
100
101
7
5
3
2
10–1
7
5
3
2
100
7
5
3
2
7
5
3
2
10–323 5 7
23
10–2
57
2
10–1
101
35 7
2 35 7
160
60
–20
–40
0
20 40
80 100 120 140
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
TYPICAL EXAMPLE
160
120
60
40
20
140
100
80
0
16
0
4
8
12
14
26
10
θ = 30° 60° 120°
90°
180°
θ
360°
RESISTIVE,
INDUCTIVE
LOADS
MAXIMUM AVERAGE POWER DISSIPATION
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
ALLOWABLE CASE TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO CASE)
TIME (s)
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
1.0
0.8
0.7
0.6
0.3
0.4
0.1
0
120
–40 –20
20
80
0.2
0.5
0.9
060
40
100
,,,,,,,,,,,,,
,,,,,,,,,,,,,
,,,,,,,,,,,,,
,,,,,,,,,,,,,
,,,,,,,,,,,,,
,,,,,,,,,,,,,
,,,,,,,,,,,,,
,,,,,,,,,,,,,
,,,,,,,,,,,,,
,,,,,,,,,,,,,
TYPICAL
EXAMPLE
DISTRIBUTION
32
24
12
8
4
28
20
16
0
16
0
4
8
12
14
26
10
θ
360°
RESISTIVE,
INDUCTIVE
LOADS
θ = 30° 60°
120°
90°
180°
GATE CHARACTERISTICS


Similar Part No. - CR8PM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR8PM MITSUBISHI-CR8PM Datasheet
67Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR8PM-12 RENESAS-CR8PM-12 Datasheet
109Kb / 7P
   Thyristor
CR8PM-12A RENESAS-CR8PM-12A Datasheet
109Kb / 7P
   Thyristor
CR8PM-12A-A8 RENESAS-CR8PM-12A-A8 Datasheet
109Kb / 7P
   Thyristor
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
   Thyristor Medium Power Use
More results

Similar Description - CR8PM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR6PM MITSUBISHI-CR6PM Datasheet
69Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR16UM MITSUBISHI-BCR16UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR12UM MITSUBISHI-BCR12UM Datasheet
56Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR10UM MITSUBISHI-BCR10UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
CR6PM POWEREX-CR6PM Datasheet
69Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR8PM MITSUBISHI-CR8PM Datasheet
67Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR16HM MITSUBISHI-BCR16HM Datasheet
91Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR8UM MITSUBISHI-BCR8UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR30GM MITSUBISHI-BCR30GM Datasheet
90Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
CR8AM MITSUBISHI-CR8AM Datasheet
70Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com