Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5942 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5942
Description  16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5942 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5942 Datasheet HTML 7Page - Texas Instruments TLC5942 Datasheet HTML 8Page - Texas Instruments TLC5942 Datasheet HTML 9Page - Texas Instruments TLC5942 Datasheet HTML 10Page - Texas Instruments TLC5942 Datasheet HTML 11Page - Texas Instruments TLC5942 Datasheet HTML 12Page - Texas Instruments TLC5942 Datasheet HTML 13Page - Texas Instruments TLC5942 Datasheet HTML 14Page - Texas Instruments TLC5942 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
GS0
0A
GS15
11B
GS15
10B
GS15
9B
GS15
8B
GS15
7B
GS0
3B
GS0
2B
GS0
1B
GS0
0B
GS15
11C
GS15
10C
GS15
9C
GS15
8C
GS15
7C
GS15
6C
GS15
5C
GS15
11A
GS15
10A
GS15
9A
GS15
8A
GS15
7A
GS15
6A
GS0
3A
GS0
2A
GS0
1A
GS0
0A
GS15
11B
LOD
15
LOD
14
LOD
13
LOD
12
LOD
11
LOD
10
LOD
9
T
SU0
T
H0
T
WH0
T
WL0
t
D0
t
D0
t
D1
t
D2
t
D2
t
OUTON
t
D3
t
OUTON
t
D4
t
OUTON
t
D5
t
OUTON
t
D3
t
D4
t
D5
t
F1
t
R1
t /t
R0 F0
T
H1
189
1
2
3
4
5
190
191
192
T
WH1
T
SU3
T
GSSCLK
PreviousData
LatestData
GSSIN
GSSCLK
XGSLAT
BLANK
LatchedData
forGrayscale
(Internal)
GSSOUT
OFF
ON
OFF
ON
OFF
ON
OFF
ON
T
WH1
T
SU1
T
SU1
ShiftRegisterDataareTransferred
toDataLatch
SIDLoadTimingto
GSDataShiftRegister
TurningoffoutputswiththeBLANKsignal(allGSdataaregreaterthan006h):
TurningoffoutputswithGSCLK(allGSdataaresetto001h):
(V
H)
OUTn
(V
L)
OUTn
OUT
0,4,8,12
OUT
1,5,9,13
OUT
2,6,10,14
OUT
3,7,11,15
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OUT
0,4,8,12
OUT
1,5,9,13
OUT
2,6,10,14
OUT
3,7,11,15
T
SU2
t
=t
T
-
ON_ERR
OUTON
GSSCLK
TLC5942
SBVS096B – OCTOBER 2007 – REVISED OCTOBER 2007
Figure 9. Grayscale Data Write Timing
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC5942


Similar Part No. - TLC5942

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5942PWP TI1-TLC5942PWP Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942PWPG4 TI1-TLC5942PWPG4 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results

Similar Description - TLC5942

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC6C5724-Q1 TI1-TLC6C5724-Q1 Datasheet
775Kb / 53P
[Old version datasheet]   24-Channel, Full Diagnostics, Constant-Current LED Driver With 7-Bit Dot Correction and 12-Bit PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com