Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5242B Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMSZ5242B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5242B Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMSZ5242B Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5242B Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5242B Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5242B Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-JAN.23.2007
MMSZ5221B SERIES
r
e
b
m
u
N
t
r
a
P
e
g
a
tl
o
V
r
e
n
e
Z
l
a
n
i
m
o
Ne
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
V Z @IZT
ZZT @I ZT
ZZK @I ZK
IR @VR
V
.
m
o
NV
.
n
i
MV
.
x
a
M
A
m
A
m
µA
V
s
e
d
o
i
D
r
e
n
e
Z
W
m
0
0
5
B
1
2
2
5
Z
S
M
M4
.
28
2
.
22
5
.
20
30
20
0
2
15
2
.
00
0
11
1
C
B
2
2
2
5
Z
S
M
M5
.
28
3
.
23
6
.
20
30
20
5
2
15
2
.
00
0
11
2
C
B
3
2
2
5
Z
S
M
M7
.
27
5
.
24
8
.
20
30
20
0
3
15
2
.
05
71
3
C
B
5
2
2
5
Z
S
M
M3
5
8
.
25
1
.
30
30
20
0
6
15
2
.
00
51
5
C
B
6
2
2
5
Z
S
M
M3
.
34
1
.
37
4
.
38
20
20
0
6
15
2
.
05
21
1
D
B
7
2
2
5
Z
S
M
M6
.
32
4
.
38
7
.
34
20
20
0
7
15
2
.
05
11
2
D
B
8
2
2
5
Z
S
M
M9
.
31
7
.
31
.
43
20
20
0
9
15
2
.
00
11
3
D
B
9
2
2
5
Z
S
M
M3
.
49
0
.
42
5
.
42
20
20
0
0
25
2
.
05
1
4
D
B
0
3
2
5
Z
S
M
M7
.
47
4
.
44
9
.
49
10
20
0
9
15
2
.
05
2
5
D
B
1
3
2
5
Z
S
M
M1
.
55
8
.
46
3
.
57
10
20
0
6
15
2
.
05
2
1
E
B
2
3
2
5
Z
S
M
M6
.
52
3
.
58
8
.
51
10
20
0
6
15
2
.
05
3
2
E
B
4
3
2
5
Z
S
M
M2
.
69
8
.
51
5
.
67
0
20
0
0
15
2
.
05
4
4
E
B
5
3
2
5
Z
S
M
M8
.
66
4
.
64
1
.
75
0
20
5
75
2
.
03
5
5
E
B
6
3
2
5
Z
S
M
M5
.
73
1
.
78
8
.
76
0
20
0
55
2
.
03
6
1
F
B
7
3
2
5
Z
S
M
M2
.
89
7
.
71
6
.
88
0
20
0
55
2
.
03
6
2
F
B
8
3
2
5
Z
S
M
M7
.
87
2
.
84
1
.
98
0
20
0
65
2
.
03
5
.
63
F
B
9
3
2
5
Z
S
M
M1
.
95
6
.
86
5
.
90
10
20
0
65
2
.
03
5
.
64
F
B
0
4
2
5
Z
S
M
M0
15
.
95
.
0
17
10
20
0
65
2
.
03
8
5
F
B
1
4
2
5
Z
S
M
M1
15
4
.
0
15
5
.
1
12
20
20
0
65
2
.
02
4
.
81
H
B
2
4
2
5
Z
S
M
M2
14
.
1
16
.
2
10
30
20
0
65
2
.
01
1
.
92
H
B
3
4
2
5
Z
S
M
M3
15
3
.
2
15
6
.
3
13
15
.
90
0
65
2
.
05
.
09
.
93
H
B
4
4
2
5
Z
S
M
M4
13
.
3
17
.
4
15
19
0
0
65
2
.
01
.
05
.
0
14
H
B
5
4
2
5
Z
S
M
M5
15
2
.
4
15
7
.
5
16
15
.
80
0
65
2
.
01
.
01
15
H
B
6
4
2
5
Z
S
M
M6
12
.
5
18
.
6
17
18
.
70
0
65
2
.
01
.
02
11
J
B
7
4
2
5
Z
S
M
M7
15
1
.
6
15
8
.
7
19
15
.
70
0
65
2
.
01
.
03
12
J
B
8
4
2
5
Z
S
M
M8
11
.
7
19
.
8
11
27
0
0
65
2
.
01
.
04
13
J
B
0
5
2
5
Z
S
M
M0
29
11
25
22
.
60
0
65
2
.
01
.
05
15
J
B
1
5
2
5
Z
S
M
M2
29
.
0
21
.
3
29
26
.
50
0
65
2
.
01
.
07
11
K
B
2
5
2
5
Z
S
M
M4
28
.
2
22
.
5
23
32
.
50
0
65
2
.
01
.
08
12
K
B
4
5
2
5
Z
S
M
M7
25
6
.
5
25
3
.
8
21
45
0
0
65
2
.
01
.
01
24
K
B
5
5
2
5
Z
S
M
M8
26
.
6
24
.
9
24
45
.
40
0
65
2
.
01
.
01
25
K
B
6
5
2
5
Z
S
M
M0
35
.
8
25
.
1
39
42
.
40
0
65
2
.
01
.
03
21
M
B
7
5
2
5
Z
S
M
M3
35
3
.
1
35
6
.
4
38
58
.
30
0
75
2
.
01
.
05
22
M
B
8
5
2
5
Z
S
M
M6
32
.
4
38
.
7
30
74
.
30
0
75
2
.
01
.
07
23
M
B
9
5
2
5
Z
S
M
M9
35
0
.
7
35
9
.
0
40
82
.
30
0
85
2
.
01
.
00
34
M
B
0
6
2
5
Z
S
M
M3
45
8
.
0
45
1
.
5
43
93
0
0
95
2
.
01
.
03
35
M
B
1
6
2
5
Z
S
M
M7
45
6
.
4
45
3
.
9
45
0
17
.
20
0
0
15
2
.
01
.
06
31
N
B
2
6
2
5
Z
S
M
M1
55
4
.
8
45
5
.
3
55
2
15
.
20
0
1
15
2
.
01
.
09
32
N


Similar Part No. - MMSZ5242B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MMSZ5242B CHENDA-MMSZ5242B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5242B PANJIT-MMSZ5242B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5242B DIOTEC-MMSZ5242B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Galaxy Semi-Conductor H...
MMSZ5242B BILIN-MMSZ5242B Datasheet
142Kb / 4P
   Surface mount zener diode
logo
Taiwan Semiconductor Co...
MMSZ5242B TSC-MMSZ5242B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5242B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com