Part Name
         Description
P4SMA

 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR ( 5 Page)


PANJIT
100% 
Zoom Out Zoom In
   
 2 page
background image
PAGE . 2
STAD-MAY.25.2007
P4SMA SERIES
r
e
b
m
u
N
t
r
a
P
e
s
r
e
v
e
R
f
f
o
-
d
n
a
t
S
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
g
a
tl
o
V
t
s
e
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
e
g
a
k
a
e
L
.
x
a
M
p
m
a
l
C
e
g
a
tl
o
V
k
a
e
P
e
s
l
u
P
t
n
e
r
r
u
C
g
n
i
k
r
a
M
e
d
o
C
VRWM
VBR
I
@ T
IT
I R @VRWM
VC @I PP
I PP
.
n
i
M
.
x
a
M
I
N
U
I
B
I
N
U
I
B
V
V
V
A
m
µµµµµ A
µµµµµ A
V
A
I
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
4
8
.
6
A
M
S
4
P
C
8
.
6
A
M
S
4
P
5
.
5
2
1
.
6
8
4
.
7
0
1
0
0
0
1
0
0
0
2
8
.
0
1
8
3
A
Z
M
A
Z
N
A
8
.
6
A
M
S
4
P
A
C
8
.
6
A
M
S
4
P
8
.
5
5
4
.
6
4
1
.
7
0
1
0
0
0
1
0
0
0
2
5
.
0
1
0
4
B
Z
M
B
Z
N
5
.
7
A
M
S
4
P
C
5
.
7
A
M
S
4
P
5
0
.
6
5
7
.
6
5
2
.
8
0
1
0
0
5
0
0
0
1
7
.
1
1
6
3
C
Z
M
C
Z
N
A
5
.
7
A
M
S
4
P
A
C
5
.
7
A
M
S
4
P
4
.
6
3
1
.
7
8
8
.
7
0
1
0
0
5
0
0
0
1
3
.
1
1
7
3
D
Z
M
D
Z
N
2
.
8
A
M
S
4
P
C
2
.
8
A
M
S
4
P
3
6
.
6
8
3
.
7
2
0
.
9
0
1
0
0
2
0
0
4
5
.
2
1
3
3
E
Z
M
E
Z
N
A
2
.
8
A
M
S
4
P
A
C
2
.
8
A
M
S
4
P
2
0
.
7
9
7
.
7
1
6
.
8
0
1
0
0
2
0
0
4
1
.
2
1
5
3
F
Z
M
F
Z
N
1
.
9
A
M
S
4
P
C
1
.
9
A
M
S
4
P
7
3
.
7
9
1
.
8
0
1
1
0
5
0
0
1
8
.
3
1
0
3
G
Z
M
G
Z
N
A
1
.
9
A
M
S
4
P
A
C
1
.
9
A
M
S
4
P
8
7
.
7
5
6
.
8
5
.
9
1
0
5
0
0
1
4
.
3
1
1
3
H
Z
M
H
Z
N
0
1
A
M
S
4
P
C
0
1
A
M
S
4
P
1
.
8
9
1
1
1
0
1
0
2
5
1
8
2
J
Z
M
J
Z
N
A
0
1
A
M
S
4
P
A
C
0
1
A
M
S
4
P
5
5
.
8
5
.
9
5
.
0
1
1
0
1
0
2
5
.
4
1
9
2
K
Z
M
K
Z
N
1
1
A
M
S
4
P
C
1
1
A
M
S
4
P
2
9
.
8
9
.
9
1
.
2
1
1
5
0
1
2
.
6
1
6
2
L
Z
M
L
Z
N
A
1
1
A
M
S
4
P
A
C
1
1
A
M
S
4
P
4
.
9
5
.
0
1
6
.
1
1
1
5
0
1
6
.
5
1
7
2
M
Z
M
M
Z
N
2
1
A
M
S
4
P
C
2
1
A
M
S
4
P
2
7
.
9
8
.
0
1
2
.
3
1
1
5
5
3
.
7
1
4
2
N
Z
M
N
Z
N
A
2
1
A
M
S
4
P
A
C
2
1
A
M
S
4
P
2
.
0
1
4
.
1
1
6
.
2
1
1
5
5
7
.
6
1
5
2
P
Z
M
P
Z
N
3
1
A
M
S
4
P
C
3
1
A
M
S
4
P
5
.
0
1
7
.
1
1
3
.
4
1
1
5
5
9
1
2
2
Q
Z
M
Q
Z
N
A
3
1
A
M
S
4
P
A
C
3
1
A
M
S
4
P
1
.
1
1
4
.
2
1
7
.
3
1
1
5
5
2
.
8
1
3
2
R
Z
M
R
Z
N
5
1
A
M
S
4
P
C
5
1
A
M
S
4
P
1
.
2
1
5
.
3
1
5
.
6
1
1
5
5
2
2
9
1
S
Z
M
S
Z
N
A
5
1
A
M
S
4
P
A
C
5
1
A
M
S
4
P
8
.
2
1
3
.
4
1
8
.
5
1
1
5
5
2
.
1
2
0
2
T
Z
M
T
Z
N
6
1
A
M
S
4
P
C
6
1
A
M
S
4
P
9
.
2
1
4
.
4
1
6
.
7
1
1
5
5
5
.
3
2
8
1
U
Z
M
U
Z
N
A
6
1
A
M
S
4
P
A
C
6
1
A
M
S
4
P
6
.
3
1
2
.
5
1
8
.
6
1
1
5
5
5
.
2
2
9
1
V
Z
M
V
Z
N
8
1
A
M
S
4
P
C
8
1
A
M
S
4
P
5
.
4
1
2
.
6
1
8
.
9
1
1
5
5
5
.
6
2
6
1
W
Z
M
W
Z
N
A
8
1
A
M
S
4
P
A
C
8
1
A
M
S
4
P
3
.
5
1
1
.
7
1
9
.
8
1
1
5
5
2
.
5
2
7
1
X
Z
M
X
Z
N
0
2
A
M
S
4
P
C
0
2
A
M
S
4
P
2
.
6
1
8
1
2
2
1
5
5
1
.
9
2
4
1
Y
Z
M
Y
Z
N
A
0
2
A
M
S
P
A
C
0
2
A
M
S
4
P
1
.
7
1
9
1
1
2
1
5
5
7
.
7
2
5
1
Z
Z
M
Z
Z
N
2
2
A
M
S
4
P
C
2
2
A
M
S
4
P
8
.
7
1
8
.
9
1
2
.
4
2
1
5
5
9
.
1
3
3
1
A
X
M
A
X
N
A
2
2
A
M
S
4
P
A
C
2
2
A
M
S
4
P
8
.
8
1
9
.
0
2
1
.
3
2
1
5
5
6
.
0
3
4
1
B
X
M
B
X
N
4
2
A
M
S
4
P
C
4
2
A
M
S
P
4
.
9
1
6
.
1
2
4
.
6
2
1
5
5
7
.
4
3
2
1
C
X
M
C
X
N
A
4
2
A
M
S
4
P
A
C
4
2
A
M
S
4
P
5
.
0
2
8
.
2
2
2
.
5
2
1
5
5
2
.
3
3
3
1
D
X
M
D
X
N
7
2
A
M
S
4
P
C
7
2
A
M
S
4
P
8
.
1
2
3
.
4
2
7
.
9
2
1
5
5
1
.
9
3
1
1
E
X
M
E
X
N
A
7
2
A
M
S
4
P
A
C
7
2
A
M
S
4
P
1
.
3
2
7
.
5
2
4
.
8
2
1
5
5
5
.
7
3
2
.
1
1
F
X
M
F
X
N
0
3
A
M
S
4
P
C
0
3
A
M
S
4
P
3
.
4
2
7
2
3
3
1
5
5
5
.
3
4
0
1
G
X
M
G
X
N
A
0
3
A
M
S
4
P
A
C
0
3
A
M
S
4
P
6
.
5
2
5
.
8
2
5
.
1
3
1
5
5
4
.
1
4
0
1
H
X
M
H
X
N
3
3
A
M
S
4
P
C
3
3
A
M
S
4
P
8
.
6
2
7
.
9
2
3
.
6
3
1
5
5
7
.
7
4
9
J
X
M
J
X
N
A
3
3
A
M
S
4
P
A
C
3
3
A
M
S
4
P
2
.
8
2
4
.
1
3
7
.
4
3
1
5
5
7
.
5
4
9
K
X
M
K
X
N
6
3
A
M
S
4
P
C
6
3
A
M
S
4
P
1
.
9
2
4
.
2
3
6
.
9
3
1
5
5
2
5
8
L
X
M
L
X
N
A
6
3
A
M
S
4
P
A
C
6
3
A
M
S
4
P
8
.
0
3
2
.
4
3
8
.
7
3
1
5
5
9
.
9
4
4
.
8
M
X
M
M
X
N
9
3
A
M
S
4
P
C
9
3
A
M
S
4
P
6
.
1
3
1
.
5
3
9
.
2
4
1
5
5
4
.
6
5
4
.
7
N
X
M
N
X
N
A
9
3
A
M
S
4
P
A
C
9
3
A
M
S
4
P
3
.
3
3
1
.
7
3
1
4
1
5
5
9
.
3
5
8
.
7
P
X
M
P
X
N
3
4
A
M
S
4
P
C
3
4
A
M
S
4
P
8
.
4
3
7
.
8
3
3
.
7
4
1
5
5
9
.
1
6
8
.
6
Q
X
M
Q
X
N



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P4SMAJ_06400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
SM8A27Surface Mount Automotive Transient Voltage Suppressor 1 2 3 4 Vishay Siliconix
SMBJ5.0Surface Mount Transient Voltage Suppressor 1 2 3 4 Taiwan Semiconductor Company, Ltd
1.5SMCJ5.0Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1 2 3 4 Diotec Semiconductor
P4SMAJ180400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
SMBJ5.0_1600 Watts Surface Mount Transient Voltage Suppressor 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
1.5SMCJ_061500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
P6SMBJ_06600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
SMCJ5.0Surface Mount Transient Voltage Suppressor 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
1.5SMCJ1801500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl