Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HKW1145LT Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # HKW1145LT
Description  Right Angle Type White LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

HKW1145LT Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button HKW1145LT Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. HKW1145LT Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. HKW1145LT Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. HKW1145LT Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. HKW1145LT Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. HKW1145LT Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. HKW1145LT Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. HKW1145LT Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. HKW1145LT Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Ambient Temperature vs. Relative Intensity
Condition : I
F = 20mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Ambient Temperature : Ta(℃)
Page 9
2007.10.31
Ambient Temperature vs. Forward Voltage
Condition : I
F = 20mA
Ambient Temperature : Ta(℃)
Forward Current vs. Chromaticity
Condition : Ta = 25℃
x
Technical Data (HKW)
□W1145L□ Series
Right Angle Type White LED


Similar Part No. - HKW1145LT

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HKW1142LT STANLEY-HKW1142LT Datasheet
336Kb / 17P
   Right Angle Type White LED
More results

Similar Description - HKW1145LT

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
W1142L STANLEY-W1142L Datasheet
379Kb / 20P
   Right Angle Type White LED
HKW1142LT STANLEY-HKW1142LT Datasheet
336Kb / 17P
   Right Angle Type White LED
W1145L STANLEY-W1145L Datasheet
419Kb / 20P
   Right Angle Type White LED
HSW112LTM STANLEY-HSW112LTM Datasheet
334Kb / 16P
   Right Angle Type White LED
logo
HK TO-GRACE TECHNOLOGY ...
12-215-T1D-ANPHY-3C TO-GRACE-12-215-T1D-ANPHY-3C Datasheet
823Kb / 11P
   White Chip LED With Right Angle Lens
logo
Everlight Electronics C...
48-213-T3D-AP1Q2TY-3C EVERLIGHT-48-213-T3D-AP1Q2TY-3C_11 Datasheet
148Kb / 12P
   White Chip LED With Right Angle Lens
W1D-ANPHY EVERLIGHT-W1D-ANPHY Datasheet
155Kb / 12P
   White Chip LED With Right Angle Lens
48-213-T7D-AQ1R2QY-3C EVERLIGHT-48-213-T7D-AQ1R2QY-3C Datasheet
190Kb / 12P
   White Chip LED With Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
48-213-T2D-AQ2R2QY-3C TO-GRACE-48-213-T2D-AQ2R2QY-3C Datasheet
788Kb / 12P
   White Chip LED With Right Angle Lens
12-215-W1D-ANPHY-3C TO-GRACE-12-215-W1D-ANPHY-3C Datasheet
778Kb / 11P
   White Chip LED With Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com