Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG3803X Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # UG3803X
Description  Single Color ?3 Flush Mount Round Shape Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UG3803X Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  UG3803X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UG3803X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UG3803X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UG3803X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UG3803X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UG3803X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UG3803X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UG3803X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UG3803X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Luminous Intensity Rank
Page 5
Single Color φ3 Flush Mount Round Shape Type
U□38□3X Series
(Ta=25℃)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
1,200
2,400
720
1,440
640
1,280
B
1,680
3,360
1,000
2,000
900
1,800
C
500
1,000
2,400
4,800
1,680
3,360
1,440
2,880
1,280
2,560
D
700
1,400
3,360
6,720
2,400
4,800
2,000
4,000
1,800
3,600
E
1,000
2,000
4,800
9,600
3,360
6,720
2,880
5,760
2,560
5,120
F
1,400
2,800
6,720
-
4,800
9,600
4,000
-
3,600
-
G
2,000
4,000
6,720 13,440
H
2,800
-
9,600
-
UR
UB
IV(mcd)
Condition
IF = 20mA
Ra nk
UC
UG
UY
Please contact our sales staff concerning rank designation of UY and UR.
2004.12.27


Similar Part No. - UG3803X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UG3804X ETC1-UG3804X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
UG3804X STANLEY-UG3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
More results

Similar Description - UG3803X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
logo
List of Unclassifed Man...
UC3804X ETC1-UC3804X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
5307S ETC2-5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com