Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5226BTW Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBZ5226BTW
Description  TRIPLE ISOLATED 200mW ZENERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBZ5226BTW Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBZ5226BTW Datasheet HTML 1Page - Pan Jit International Inc. MMBZ5226BTW Datasheet HTML 2Page - Pan Jit International Inc. MMBZ5226BTW Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.panjit.com
MMBZ5221BTW - MMBZ5261BTW
12/30/2004
Page 2
T = 25°C
V = 0.9V MAX FOR ALL TYPES
ELECTRICAL CHARACTERISTICS
Nom. V
Min. V
Max. V
mA
mA
µA
V
MMBZ5221BTW
2.4
2.280
2.520
30
20.0
1200
0.25
100
1.0
21T
MMBZ5222BTW
2.5
2.375
2.625
30
20.0
1250
0.25
100
1.0
22T
MMBZ5223BTW
2.7
2.565
2.835
30
20.0
1300
0.25
75
1.0
23T
MMBZ5224BTW
2.8
2.660
2.940
30
20.0
1400
0.25
75
1.0
24T
MMBZ5225BTW
3.0
2.850
3.150
29
20.0
1600
0.25
50
1.0
25T
MMBZ5226BTW
3.3
3.135
3.465
28
20.0
1600
0.25
25
1.0
26T
MMBZ5227BTW
3.6
3.420
3.780
24
20.0
1700
0.25
15
1.0
27T
MMBZ5228BTW
3.9
3.705
4.095
23
20.0
1900
0.25
10
1.0
28T
MMBZ5229BTW
4.3
4.085
4.515
22
20.0
2000
0.25
5.0
1.0
29T
MMBZ5230BTW
4.7
4.465
4.935
19
20.0
1900
0.25
5.0
2.0
30T
MMBZ5231BTW
5.1
4.845
5.355
17
20.0
1600
0.25
5.0
2.0
31T
MMBZ5232BTW
5.6
5.320
5.880
11
20.0
1600
0.25
5.0
3.0
32T
MMBZ5233BTW
6.0
5.700
6.300
7.0
20.0
1600
0.25
5.0
3.5
33T
MMBZ5234BTW
6.2
5.890
6.510
7.0
20.0
1000
0.25
3.0
4.0
34T
MMBZ5235BTW
6.8
6.460
7.140
5.0
20.0
750
0.25
3.0
5.0
35T
MMBZ5236BTW
7.5
7.125
7.875
6.0
20.0
500
0.25
3.0
6.0
36T
MMBZ5237BTW
8.2
7.790
8.610
8.0
20.0
500
0.25
3.0
6.5
37T
MMBZ5238BTW
8.7
8.265
9.135
8.0
20.0
600
0.25
3.0
6.5
38T
MMBZ5239BTW
9.1
8.645
9.555
10
20.0
600
0.25
3.0
7.0
39T
MMBZ5240BTW
10
9.50
10.50
17
20.0
600
0.25
3.0
8.0
40T
MMBZ5241BTW
11
10.45
11.55
22
20.0
600
0.25
2.0
8.4
41T
MMBZ5242BTW
12
11.40
12.60
30
20.0
600
0.25
1.0
9.1
42T
MMBZ5243BTW
13
12.35
13.65
13
9.5
600
0.25
0.5
9.9
43T
MMBZ5244BTW
14
13.30
14.70
15
9.0
600
0.25
0.1
10
44T
MMBZ5245BTW
15
14.25
15.75
16
8.5
600
0.25
0.1
11
45T
MMBZ5246BTW
16
15.20
16.80
17
7.8
600
0.25
0.1
12
46T
MMBZ5247BTW
17
16.15
17.85
19
7.4
600
0.25
0.1
13
47T
MMBZ5248BTW
18
17.10
18.90
21
7.0
600
0.25
0.1
14
48T
MMBZ5249BTW
19
18.05
19.95
23
6.6
600
0.25
0.1
14
49T
MMBZ5250BTW
20
19.00
21.00
25
6.2
600
0.25
0.1
15
50T
MMBZ5251BTW
22
20.90
23.10
29
5.6
600
0.25
0.1
17
51T
MMBZ5252BTW
24
22.80
25.20
33
5.2
600
0.25
0.1
18
52T
MMBZ5253BTW
25
23.75
26.25
35
5.0
600
0.25
0.1
19
53T
MMBZ5254BTW
27
25.65
28.35
41
4.6
600
0.25
0.1
21
54T
MMBZ5255BTW
28
26.60
29.40
44
4.5
600
0.25
0.1
21
55T
MMBZ5256BTW
30
28.50
31.50
49
4.2
600
0.25
0.1
23
56T
MMBZ5257BTW
33
31.35
34.65
58
3.8
700
0.25
0.1
25
57T
MMBZ5258BTW
36
34.20
37.80
70
3.4
700
0.25
0.1
27
58T
MMBZ5259BTW
39
37.05
40.95
80
3.2
800
0.25
0.1
30
59T
MMBZ5260BTW
43
40.85
45.15
93
3.0
900
0.25
0.1
33
60T
MMBZ5261BTW
47
44.65
49.35
105
2.7
1000
0.25
0.1
36
61T
Part Number
Max. Reverse
Leakage Current
IR @ VR
Max. Zener Impedance
ZZT @ IZT
ZZK @ IZK
Nominal Zener Voltage
VZ @ IZT
Marking
Code
F
J


Similar Part No. - MMBZ5226BTW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5226BT DIODES-MMBZ5226BT Datasheet
65Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
MMBZ5226BT DIODES-MMBZ5226BT Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5226BT DIODES-MMBZ5226BT Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
MMBZ5226BT-7-F DIODES-MMBZ5226BT-7-F Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5226BTS DIODES-MMBZ5226BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
More results

Similar Description - MMBZ5226BTW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C2V4TW PANJIT-BZX84C2V4TW Datasheet
106Kb / 3P
   TRIPLE ISOLATED 200mW ZENERS
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com