Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1981Y Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1981Y
Description  Power SIP Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1981Y Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1981Y Datasheet HTML 1Page - Clare, Inc. CPC1981Y Datasheet HTML 2Page - Clare, Inc. CPC1981Y Datasheet HTML 3Page - Clare, Inc. CPC1981Y Datasheet HTML 4Page - Clare, Inc. CPC1981Y Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1981Y-R03
1
CPC1981Y
Power SIP Relay
Part #
Description
CPC1981Y
Power SIP Package (25 per tube)
CPC1981Y
Units
Blocking Voltage
1000
V
P
Load Current
0.18
A
rms
On-Resistance
18
Applications
Features
Description
Ordering Information
Pin Configuration
Industrial Controls
Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
IC Equipment
Home Appliances
Power SIP Package
Handle Load Currents Up to 0.25A
High Reliability
No Moving Parts
Low Drive Power Requirements (TTL/CMOS
Compatible)
Arc-Free With No Snubbing Circuits
2500V
rms Input/Output Isolation
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new
family of high power solid state relays. As part of
that family, the CPC1981Y is a 1-Form-A solid state
relay. The CPC1981Y employs optically coupled
MOSFET technology to provide 2500V
rms of input
to output isolation. The efficient MOSFET switches
and photovoltaic die use Clare’s patented OptoMOS
architecture while the input is controlled by a highly
efficient GaAlAs infrared LED. The combination of
low on resistance and high load current handling
capabilities makes the relay suitable for a variety of
high performance switching applications.
CPC1981Y Pinout
Switching Characteristics of
Normally Open (Form A) Devices
Approvals
UL recognized component: File # E69938
Certified to: UL 508


Similar Part No. - CPC1981Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1981Y CLARE-CPC1981Y Datasheet
110Kb / 6P
   OptoMOS짰 Power SIP Relay
logo
IXYS Corporation
CPC1981Y IXYS-CPC1981Y Datasheet
106Kb / 6P
   Arc-Free With No Snubbing Circuits
More results

Similar Description - CPC1981Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
   Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
   Power SIP Relay
CPC1926 CLARE-CPC1926 Datasheet
102Kb / 5P
   Power SIP Relay
CPC1916Y CLARE-CPC1916Y Datasheet
467Kb / 5P
   Power SIP Relay
CPC1916 CLARE-CPC1916 Datasheet
102Kb / 5P
   Power SIP Relay
logo
IXYS Corporation
CPC1926Y IXYS-CPC1926Y Datasheet
457Kb / 5P
   Power SIP Relay
logo
Clare, Inc.
CPC1973Y CLARE-CPC1973Y Datasheet
457Kb / 5P
   Power SIP Relay
CPC1726 CLARE-CPC1726 Datasheet
104Kb / 5P
   DC Power SIP Relay
CPC1726 CLARE-CPC1726_10 Datasheet
117Kb / 6P
   DC Power SIP Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
   Power SIP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com