Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT4403W Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # MMBT4403W
Description  PNP GENERAL PURPOSE SWITCHING TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBT4403W Datasheet(HTML) 4 Page - Pan Jit International Inc.

  MMBT4403W Datasheet HTML 1Page - Pan Jit International Inc. MMBT4403W Datasheet HTML 2Page - Pan Jit International Inc. MMBT4403W Datasheet HTML 3Page - Pan Jit International Inc. MMBT4403W Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MMBT4403W
RECOMMENTED PAD LAYOUT
ORDER INFORMATION
MMBT4403W T/R7 – 7” Reel, 3,000 Units/Reel
MMBT4403W T/R13 – 13” Reel, 10,000 Units/Reel
Copyright PanJit International, Inc 2005
The information presented in this document is believed to be accurate and reliable. The specifications and
information herein are subject to change without notice. PanJit makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose. PanJit products are not authorized
for use in life support devices or systems. PanJit does not convey any license under its patent rights or rights of
others.


Similar Part No. - MMBT4403W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
   Switching Transistor
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
   Switching Transistor
logo
Foshan Blue Rocket Elec...
MMBT4403W FOSHAN-MMBT4403W Datasheet
845Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBT4403WT1 WILLAS-MMBT4403WT1 Datasheet
509Kb / 6P
   General Purpose Transistors
More results

Similar Description - MMBT4403W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
   PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
logo
Diotech Company.
MMBT3906 DIOTECH-MMBT3906 Datasheet
2Mb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com