Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBFJ310 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBFJ310
Description  J-FET HIGH FREQUENCY AMPLIFIER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBFJ310 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBFJ310 Datasheet HTML 1Page - Pan Jit International Inc. MMBFJ310 Datasheet HTML 2Page - Pan Jit International Inc. MMBFJ310 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBFJ309 / MMBFJ310
J-FET HIGH FREQUENCY
AMPLIFIER TRANSISTOR
ELECTRICAL RATINGS
Rating
Symbol
Value
Units
25
10
V
mAdc
Drain to Source Voltage
Gate Current
I G
9/19/2005
Page
1
www.panjit.com
Gate to Source Voltage
VGS
V
25
THERMAL RATINGS
Rating
Symbol
Value
Units
225
-55 to +150
-55 to +150
mW
°C
°C
Power Dissipation (Note 1)
Operating Temperature Range
Storage Temperature Range
Pd
TJ
Tstg
Thermal Resistance - Junction to Ambient (Note 1)
R JA
°C/W
556
Note 1: Device mounted on FR-5 board 1.0 x 0.75 x 0.062 in. with recommended minimum pad layout
V DS
N-CHANNEL
DEVICE MARKING
MMBFJ309 = B9J; MMBFJ310 = B1J
SOT-23
2
1
3
D
S
G
2
3
1
D
S
G
2
3
1
For VHF/UHF Applications
Note: Drain and Source are
interchangeable.


Similar Part No. - MMBFJ310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBFJ310 FAIRCHILD-MMBFJ310 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
MMBFJ310 FAIRCHILD-MMBFJ310 Datasheet
561Kb / 13P
   N-Channel RF Amplifier
MMBFJ310 FAIRCHILD-MMBFJ310 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ310 FAIRCHILD-MMBFJ310 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ310 FAIRCHILD-MMBFJ310 Datasheet
207Kb / 7P
   N-Channel RF Amplifier
More results

Similar Description - MMBFJ310

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM062 NJRC-NJM062 Datasheet
224Kb / 6P
   J-FET INPUT OPERATIONAL AMPLIFIER
NJM2162 NJRC-NJM2162 Datasheet
257Kb / 5P
   J-FET INPUT OPERATIONAL AMPLIFIER??????
logo
NEC
UPC4081 NEC-UPC4081 Datasheet
280Kb / 10P
   J-FET INPUT OPERATIONAL AMPLIFIER???
logo
Motorola, Inc
MRF9811T1 MOTOROLA-MRF9811T1 Datasheet
50Kb / 4P
   HIGH FREQUENCY GaAs FET TRANSISTOR
logo
Sanyo Semicon Device
LA6083M SANYO-LA6083M Datasheet
104Kb / 5P
   J-FET Input Dual Operational Amplifier
logo
NEC
UPC4084 NEC-UPC4084 Datasheet
223Kb / 8P
   J-FET INPUT QUAD OPERATIONAL AMPLIFIER???
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
   J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
logo
Renesas Technology Corp
PC4082 RENESAS-PC4082_15 Datasheet
264Kb / 11P
   J-FET INPUT DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM353 NJRC-NJM353 Datasheet
266Kb / 7P
   DUAL J-FET INPUT OPERATIONAL AMPLIFIER
NJM074 NJRC-NJM074 Datasheet
144Kb / 3P
   DUAL J-FET INPUT OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com