Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR3035PT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MBR3035PT
Description  30 AMPERES SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR3035PT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MBR3035PT Datasheet HTML 1Page - Pan Jit International Inc. MBR3035PT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-DEC.22.2006
MBR3020PT~MBR30200PT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• Guardring for overvlotage protection
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• Component are in compliance with EU RoHS 2002/95/EC directives
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
.199(5.05)
.142(3.6)
.126(3.2)
.030(0.75)
.050(1.25)
.225(5.7)
.225(5.7)
.640(16.25)
.175(4.45)
.125(3.2)
.110(2.8)
.017(0.45)
Positive CT
AC
AC
.045(1.15)
.204(5.2)
.204(5.2)
.095(2.4)
.620(15.75)
TO-3P
Unit: inch (mm)
VOLTAGE
CURRENT
20 to 200 Volts
30 Amperes
MECHANICALDATA
Case: TO-3P molded plastic
Terminals: solder plated, solderable per MIL-STD-750, Method 2026
Polarity: As marked.
Mounting Position: Any
Weight: 0.2 ounces, 5.6 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Notes :
Both Bonding and Chip structure are available.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
R
B
M
T
P
0
2
0
3
R
B
M
T
P
0
3
0
3
R
B
M
T
P
0
4
0
3
R
B
M
T
P
5
4
0
3
R
B
M
T
P
0
5
0
3
R
B
M
T
P
0
6
0
3
R
B
M
T
P
0
8
0
3
R
B
M
T
P
0
0
1
0
3
R
B
M
T
P
0
5
1
0
3
R
B
M
T
P
0
0
2
0
3
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV RRM
0
20
30
45
40
50
60
80
0
10
5
10
0
2V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV RM S
4
11
28
25
.
1
35
32
46
50
75
0
10
4
1V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV DC
0
20
30
45
40
50
60
80
0
10
5
10
0
2V
)
1
.
g
i
f
e
e
S
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
MIAV
0
3A
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
IFS M
0
0
2A
g
e
l
r
e
p
,
A
5
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV F
5
6
.
05
7
.
08
.
02
9
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
c
T
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
c
5
2
1
=
O C
IR
1
.
0
0
2
A
m
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
TR
θ C
J4
.
1
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OTJ
0
5
1
+
O
T
0
5
-
O C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
STSTG
5
7
1
+
O
T
0
5
-
O C


Similar Part No. - MBR3035PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR3035PT FAIRCHILD-MBR3035PT Datasheet
55Kb / 3P
   Schottky Rectifiers
logo
Shenzhen Luguang Electr...
MBR3035PT LUGUANG-MBR3035PT Datasheet
239Kb / 2P
   Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR3035PT DIODES-MBR3035PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
logo
Digitron Semiconductors
MBR3035PT DIGITRON-MBR3035PT Datasheet
209Kb / 2P
   30A SCHOTTKY RECTIFIER
logo
General Semiconductor
MBR3035PT GE-MBR3035PT Datasheet
74Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - MBR3035PT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR3040CGD DYELEC-MBR3040CGD Datasheet
893Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3045 PANJIT-MBR3045_16 Datasheet
134Kb / 4P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR3040CTD DYELEC-MBR3040CTD Datasheet
742Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
MBR3040CGD LUGUANG-MBR3040CGD Datasheet
1Mb / 2P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SHIKUES Electronics
MBRF30150AT SKTECHNOLGY-MBRF30150AT Datasheet
552Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR3040CKD DYELEC-MBR3040CKD Datasheet
748Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF3040CTD DYELEC-MBRF3040CTD Datasheet
741Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBRF30L45CTG KERSEMI-MBRF30L45CTG Datasheet
489Kb / 6P
   DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Pan Jit International I...
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com