Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMZJ33 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GMZJ33
Description  SURFACE MOUNT ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GMZJ33 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GMZJ33 Datasheet HTML 1Page - Pan Jit International Inc. GMZJ33 Datasheet HTML 2Page - Pan Jit International Inc. GMZJ33 Datasheet HTML 3Page - Pan Jit International Inc. GMZJ33 Datasheet HTML 4Page - Pan Jit International Inc. GMZJ33 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-SEP.14.2004
r
e
b
m
u
N
t
r
a
P
S
S
A
L
C
V Z @IZT
Z
I
(m )
A
R
V
)
V
(
)
A
u
(
R
I
X
A
M
t
z
I
)
A
m
(
ZZT(
Ω)
X
A
M
IZK
(m )
A
ZZK(
Ω)
X
A
M
V
.
n
i
M
V
.
x
a
M
0
.
2
J
Z
M
G
A
8
8
.
1
0
1
.
2
5
5
.
0
0
2
1
5
0
0
1
5
.
0
0
0
0
1
B
2
0
.
2
0
2
.
2
2
.
2
J
Z
M
G
A
2
1
.
2
0
3
.
2
5
7
.
0
0
0
1
5
0
0
1
5
.
0
0
0
0
1
B
2
2
.
2
1
4
.
2
4
.
2
J
Z
M
G
A
3
3
.
2
2
5
.
2
5
0
.
1
0
2
1
5
0
0
1
5
.
0
0
0
0
1
B
3
4
.
2
3
6
.
2
7
.
2
J
Z
M
G
A
4
5
.
2
5
7
.
2
5
0
.
1
0
0
1
5
0
1
1
5
.
0
0
0
0
1
B
9
6
.
2
1
9
.
2
0
.
3
J
Z
M
G
A
5
8
.
2
7
0
.
3
5
0
.
1
0
5
5
0
2
1
5
.
0
0
0
0
1
B
1
0
.
3
2
2
.
3
3
.
3
J
Z
M
G
A
6
1
.
3
8
3
.
3
5
0
.
1
0
2
5
0
2
1
5
.
0
0
0
0
1
B
2
3
.
3
3
5
.
3
6
.
3
J
Z
M
G
A
5
5
4
.
3
5
9
6
.
3
5
0
.
1
0
1
5
0
0
1
1
0
0
0
1
B
0
6
.
3
5
4
8
.
3
9
.
3
J
Z
M
G
A
4
7
.
3
1
0
.
4
5
0
.
1
5
5
0
0
1
1
0
0
0
1
B
9
8
.
3
6
1
.
4
3
.
4
J
Z
M
G
A
4
0
.
4
9
2
.
4
5
0
.
1
5
5
0
0
1
1
0
0
0
1
B
7
1
.
4
3
4
.
4
C
0
3
.
4
7
5
.
4
7
.
4
J
Z
M
G
A
4
4
.
4
8
6
.
4
5
0
.
1
5
5
0
9
1
0
0
9
B
5
5
.
4
0
8
.
4
C
8
6
.
4
3
9
.
4
1
.
5
J
Z
M
G
A
1
8
.
4
7
0
.
5
5
5
.
1
5
5
0
8
1
0
0
8
B
4
9
.
4
0
2
.
5
C
9
0
.
5
7
3
.
5
6
.
5
J
Z
M
G
A
8
2
.
5
5
5
.
5
5
5
.
2
5
5
0
6
1
0
0
5
B
5
4
.
5
3
7
.
5
C
1
6
.
5
1
9
.
5
2
.
6
J
Z
M
G
A
8
7
.
5
9
0
.
6
5
0
.
3
5
5
0
6
1
0
0
3
B
6
9
.
5
7
2
.
6
C
2
1
.
6
4
4
.
6
8
.
6
J
Z
M
G
A
9
2
.
6
3
6
.
6
5
5
.
3
2
5
0
2
5
.
0
0
5
1
B
9
4
.
6
3
8
.
6
C
6
6
.
6
1
0
.
7
5
.
7
J
Z
M
G
A
5
8
.
6
2
2
.
7
5
0
.
4
5
.
0
5
0
2
5
.
0
0
2
1
B
7
0
.
7
5
4
.
7
C
9
2
.
7
7
6
.
7
2
.
8
J
Z
M
G
A
3
5
.
7
2
9
.
7
5
0
.
5
5
.
0
5
0
2
5
.
0
0
2
1
B
8
7
.
7
9
1
.
8
C
3
0
.
8
5
4
.
8
1
.
9
J
Z
M
G
A
9
2
.
8
3
7
.
8
5
0
.
6
5
.
0
5
5
2
5
.
0
0
2
1
B
7
5
.
8
1
0
.
9
C
3
8
.
8
0
3
.
9
0
1
J
Z
M
G
A
2
1
.
9
9
5
.
9
5
0
.
7
2
.
0
5
0
3
5
.
0
0
2
1
B
1
4
.
9
0
9
.
9
C
0
7
.
9
0
2
.
0
1
D
4
9
.
9
4
4
.
0
1
1
1
J
Z
M
G
A
8
1
.
0
1
1
7
.
0
1
5
0
.
8
2
.
0
5
0
3
5
.
0
0
2
1
B
0
5
.
0
1
5
0
.
1
1
C
2
8
.
0
1
8
3
.
1
1


Similar Part No. - GMZJ33

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
GMZJ33 RECTRON-GMZJ33 Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
More results

Similar Description - GMZJ33

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com