Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZJ56 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # GLZJ56
Description  SURFACE MOUNT ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GLZJ56 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  GLZJ56 Datasheet HTML 1Page - Pan Jit International Inc. GLZJ56 Datasheet HTML 2Page - Pan Jit International Inc. GLZJ56 Datasheet HTML 3Page - Pan Jit International Inc. GLZJ56 Datasheet HTML 4Page - Pan Jit International Inc. GLZJ56 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
STAD-SEP.14.2004
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Fig. 1 Thermal Resistance vs. Lead Length
Fig. 2 Total Power Dissipation vs. Ambient Temperature
Fig. 3 Typical Change of Working Voltage under Operating
Conditions at Tamb=25°C
95 9611
0
5
10
15
0
100
200
300
400
500
20
l – Lead Length ( mm )
ll
TL=constant
0
40
80
120
160
0
100
300
400
500
600
Tamb– Ambient Temperature(°C )
200
95 9602
200
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage(V)
25
95 9598
IZ=5mA
Tj=25°C
Fig. 4 Typical Change of Working Voltage vs. Junction
Temperature
Fig. 5 Temperature Coefficient of Vz vs. Z-Voltage
Fig. 6 Diode Capacitance vs. Z-Voltage
–60
0
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj – Junction Temperature (°C )
240
95 9599
VZtn=VZt/VZ(25°C)
TKVZ=10 x 10–4/K
8x 10–4/K
–4 x 10–4/K
6x 10–4/K
4x 10–4/K
2x 10–4/K
–2 x 10–4/K
0
010
20
30
–5
0
5
10
15
VZ – Z-Voltage(V)
50
95 9600
40
IZ=5mA
0
5
10
15
0
50
100
150
200
VZ – Z-Voltage(V)
25
95 9601
20
Tj=25°C
VR=2V


Similar Part No. - GLZJ56

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GLZJ56 SECOS-GLZJ56 Datasheet
220Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - GLZJ56

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com