Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ2004 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # KBJ2004
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

KBJ2004 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  KBJ2004 Datasheet HTML 1Page - Pan Jit International Inc. KBJ2004 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
FEATURES
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic technique
• Surge overload rating: 400 Amperes
• High temperature soldering guaranteed:
260° C/10 seconds/.375"(9.5mm) lead length at 5 lbs. (2.3kg) tension
KBJ2000~KBJ2010
SILICON BRIDGE RECTIFIERS
VOLTAGE - 50 to 1000 Volts CURRENT - 25.0 Amperes
MECHANICALDATA
Case: Reliable low cost construction utilizing
molded plastic technique
Terminals: Leads solderable per MIL-STD-750,
Method 2026
Mounting position: Any
Mounting torque: 20 in. lb. Max.
Weight: 7.056g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25° C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
DATA SHEET
• Pb free product are available : 99% Sn above can meet RoHS environment
substance directive request
STAD-JAN.28.2005
PARAMETER
SYMBOL
KBJ
2000
KBJ
2001
KBJ
2002
KBJ
2004
KBJ
2006
KBJ
2008
KBJ
2010
UNITS
Maximum Recurrent Peak Reverse Voltage
V RRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
V RMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
V DC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current for Resistive
Load at Tc =55
I AV
20
A
Non-repetitive Peak Forward Surge Current, Rated
Load
I FSM
300
A
Maximum Forward Voltage per Bridge
Element at 20A Specified Current
V F
1.1
V
Maximum Reverse Leakage Current at Rated
@ TA=25
I R
10
uA
Typical Thermal Resistance(Fig 3 )
R QJC
1.2
/ W
Operating Junction and Storage Temperature
Range
T J,T STG
-50 TO +15 0
NOTES : Device mounted on 100mm *100mm * 1.6mm Cu Plate Heatsink.


Similar Part No. - KBJ2004

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBJ2004 YFWDIODE-KBJ2004 Datasheet
485Kb / 3P
   20A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
More results

Similar Description - KBJ2004

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com