Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZJ33 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GLZJ33
Description  SURFACE MOUNT ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GLZJ33 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GLZJ33 Datasheet HTML 1Page - Pan Jit International Inc. GLZJ33 Datasheet HTML 2Page - Pan Jit International Inc. GLZJ33 Datasheet HTML 3Page - Pan Jit International Inc. GLZJ33 Datasheet HTML 4Page - Pan Jit International Inc. GLZJ33 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-SEP.14.2004
PART NUMBER
S
S
A
L
C
V Z @IZT
Z
I
(m )
A
R
V
)
V
(
(
R
I
U
)
A
X
A
M
IZT
(m )
A
ZZT(
Ω)
X
A
M
IZK
(m )
A
ZZK(
Ω)
X
A
M
g
n
i
k
r
a
M
e
d
o
C
MIN.V
MAX.V
J
Z
L
G0
.
2
A
8
8
.
1
0
1
.
2
5
5
.
0
0
2
1
5
0
0
1
5
.
0
0
0
0
1
0
A
2
Z
B
2
0
.
2
0
2
.
2
0
B
2
Z
J
Z
L
G2
.
2
A
2
1
.
2
0
3
.
2
5
7
.
0
0
0
1
5
0
0
1
5
.
0
0
0
0
1
2
A
2
Z
B
2
2
.
2
1
4
.
2
2
B
2
Z
J
Z
L
G4
.
2
A
3
3
.
2
2
5
.
2
5
0
.
1
0
2
1
5
0
0
1
5
.
0
0
0
0
1
4
A
2
Z
B
3
4
.
2
3
6
.
2
4
B
2
Z
J
Z
L
G7
.
2
A
4
5
.
2
5
7
.
2
5
0
.
1
0
0
1
5
0
1
1
5
.
0
0
0
0
1
7
A
2
Z
B
9
6
.
2
1
9
.
2
7
B
2
Z
J
Z
L
G0
.
3
A
5
8
.
2
7
0
.
3
5
0
.
1
0
5
5
0
2
1
5
.
0
0
0
0
1
0
A
3
Z
B
1
0
.
3
2
2
.
3
0
B
3
Z
J
Z
L
G3
.
3
A
6
1
.
3
8
3
.
3
5
0
.
1
0
2
5
0
2
1
5
.
0
0
0
0
1
3
A
3
Z
B
2
3
.
3
3
5
.
3
3
B
3
Z
J
Z
L
G6
.
3
A
6
4
.
3
9
6
.
3
5
0
.
1
0
1
5
0
0
1
1
0
0
0
1
6
A
3
Z
B
0
6
.
3
4
8
.
3
6
B
3
Z
J
Z
L
G9
.
3
A
4
7
.
3
1
0
.
4
5
0
.
1
5
5
0
0
1
1
0
0
0
1
9
A
3
Z
B
9
8
.
3
6
1
.
4
9
B
3
Z
J
Z
L
G3
.
4
A
4
0
.
4
9
2
.
4
5
0
.
1
5
5
0
0
1
1
0
0
0
1
3
A
4
Z
B
7
1
.
4
3
4
.
4
3
B
4
Z
C
0
3
.
4
7
5
.
4
3
C
4
Z
J
Z
L
G7
.
4
A
4
4
.
4
8
6
.
4
5
0
.
1
5
5
0
9
1
0
0
9
7
A
4
Z
B
5
5
.
4
0
8
.
4
7
B
4
Z
C
8
6
.
4
3
9
.
4
7
C
4
Z
J
Z
L
G1
.
5
A
1
8
.
4
7
0
.
5
5
5
.
1
5
5
0
8
1
0
0
8
1
A
5
Z
B
4
9
.
4
0
2
.
5
1
B
5
Z
C
9
0
.
5
7
3
.
5
1
C
5
Z
J
Z
L
G6
.
5
A
8
2
.
5
5
5
.
5
5
5
.
2
5
5
0
6
1
0
0
5
6
A
5
Z
B
5
4
.
5
3
7
.
5
6
B
5
Z
C
1
6
.
5
1
9
.
5
6
C
5
Z
J
Z
L
G2
.
6
A
8
7
.
5
9
0
.
6
5
0
.
3
5
5
0
6
1
0
0
3
2
A
6
Z
B
6
9
.
5
7
2
.
6
2
B
6
Z
C
2
1
.
6
4
4
.
6
2
C
6
Z
J
Z
L
G8
.
6
A
9
2
.
6
3
6
.
6
5
5
.
3
2
5
0
2
5
.
0
0
5
1
8
A
6
Z
B
9
4
.
6
3
8
.
6
8
B
6
Z
C
6
6
.
6
1
0
.
7
8
C
6
Z
J
Z
L
G5
.
7
A
5
8
.
6
2
2
.
7
5
0
.
4
5
.
0
5
0
2
5
.
0
0
2
1
5
A
7
Z
B
7
0
.
7
5
4
.
7
5
B
7
Z
C
9
2
.
7
7
6
.
7
5
C
7
Z
J
Z
L
G2
.
8
A
3
5
.
7
2
9
.
7
5
0
.
5
5
.
0
5
0
2
5
.
0
0
2
1
2
A
8
Z
B
8
7
.
7
9
1
.
8
2
B
8
Z
C
3
0
.
8
5
4
.
8
2
C
8
Z
J
Z
L
G1
.
9
A
9
2
.
8
3
7
.
8
5
0
.
6
5
.
0
5
5
2
5
.
0
0
2
1
1
A
9
Z
B
7
5
.
8
1
0
.
9
1
B
9
Z
C
3
8
.
8
0
3
.
9
1
C
9
Z
J
L
Z
G0
1
A
2
1
.
9
9
5
.
9
5
0
.
7
2
.
0
5
0
3
5
.
0
0
2
1
A
0
1
Z
B
1
4
.
9
0
9
.
9
B
0
1
Z
C
0
7
.
9
0
2
.
0
1
C
0
1
Z
D
4
9
.
9
4
4
.
0
1
D
0
1
Z
J
Z
L
G1
1
A
8
1
.
0
1
1
7
.
0
1
5
0
.
8
2
.
0
5
0
3
5
.
0
0
2
1
A
1
1
Z
B
0
5
.
0
1
5
0
.
1
1
B
1
1
Z
C
2
8
.
0
1
8
3
.
1
1
C
1
1
Z


Similar Part No. - GLZJ33

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GLZJ33 FRONTIER-GLZJ33 Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
SeCoS Halbleitertechnol...
GLZJ33 SECOS-GLZJ33 Datasheet
220Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - GLZJ33

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com