Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUB1105W Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # HUB1105W
Description  Single Color Ultra High Brightness Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

HUB1105W Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button HUB1105W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. HUB1105W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. HUB1105W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. HUB1105W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. HUB1105W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. HUB1105W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. HUB1105W Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. HUB1105W Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. HUB1105W Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Page 8
2004.10.29
Single Color Ultra High Brightness Type
U□1105W Series
Technical Data(HUB)
Ambient Temperature vs. Relative Intensity
Condition : I
F=20mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Pulse Width vs. Maximum Tolerable Peak Current
Condition : Ta = 25℃
Pulse Width : tw (μs)


Similar Part No. - HUB1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HUB1105W STANLEY-HUB1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
More results

Similar Description - HUB1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1111C STANLEY-1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
1105W STANLEY-1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com