Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPJ20G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GPJ20G
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GPJ20G Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GPJ20G Datasheet HTML 1Page - Pan Jit International Inc. GPJ20G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-FEB.18.2006
GPJ20A~GPJ20M
FEATURES
• Diffused Junction
• Low Forward Voltage Drop
• High Current Capability
• High Reliability
• High Surge Current Capability
• Ideal for Printed Circuit Boards
• Pb free product are available : 99% Sn above can meet RoHS
environment substance directive request
MECHANICALDATA
• Case: Molded plastic body
• Terminals: Plated Leads Solderable per MIL-STD-750, Method 2026
• Polarity: As Marked on Body
• Weight: 7.056 grams (approx.)
• Mounting Position: Any
SINGLE-PHASE BRIDGE RECTIFIER
NOTES:
1. Device mounted on 220 x 220 x 1.6mm thick AL plate heatsink.
VOLTAGE
50 to 1000 Volts
CURRENT
20 Ampere
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SA
0
2
J
P
GB
0
2
J
P
GD
0
2
J
P
GG
0
2
J
P
GJ
0
2
J
P
GK
0
2
J
P
GM
0
2
J
P
GS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
t
l
o
V
t
u
p
n
I
e
g
d
i
r
B
S
M
R
m
u
m
i
x
a
M
V
RMS
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
DC
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
T
t
a
t
n
e
r
r
u
C
t
u
p
t
u
O
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
A
C
0
0
1
=
O C
I
)
V
A
(
F
0
2A
I2
)
s
m
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
R
t
I2 t
0
0
5A 2
c
e
s
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
e
l
g
n
i
s
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
I
M
S
F
0
5
3A
A
5
.
2
1
t
a
t
n
e
m
e
l
e
r
e
p
p
o
r
D
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
V
F
1
.
1V
T
@
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
m
u
m
i
x
a
M
A
5
2
=
O C
T
@
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
c
D
C
0
0
1
=
O C
I
R
0
1
0
0
5
A
u
)
1
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
Rθ
C
J
6
.
0
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J ,T
G
T
S
0
5
1
+
o
t
5
5
-
O C
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Single Phase, half wave, 60Hz, resistive or inductive load.
For Capacitive load derate current by 20%.
Recognized File #E157705


Similar Part No. - GPJ20G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GPJ2500 PANJIT-GPJ2500 Datasheet
491Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GPJ2501 PANJIT-GPJ2501 Datasheet
491Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GPJ2502 PANJIT-GPJ2502 Datasheet
491Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GPJ2504 PANJIT-GPJ2504 Datasheet
491Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GPJ2506 PANJIT-GPJ2506 Datasheet
491Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GPJ20G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com