Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14EC8-TF45 Datasheet(PDF) 9 Page - Simtek Corporation

Part # STK14EC8-TF45
Description  512Kx8 Autostore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC8-TF45 Datasheet(HTML) 9 Page - Simtek Corporation

Back Button STK14EC8-TF45 Datasheet HTML 5Page - Simtek Corporation STK14EC8-TF45 Datasheet HTML 6Page - Simtek Corporation STK14EC8-TF45 Datasheet HTML 7Page - Simtek Corporation STK14EC8-TF45 Datasheet HTML 8Page - Simtek Corporation STK14EC8-TF45 Datasheet HTML 9Page - Simtek Corporation STK14EC8-TF45 Datasheet HTML 10Page - Simtek Corporation STK14EC8-TF45 Datasheet HTML 11Page - Simtek Corporation STK14EC8-TF45 Datasheet HTML 12Page - Simtek Corporation STK14EC8-TF45 Datasheet HTML 13Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STK14EC8
9
Simtek Confidential
April, 2007
Document Control #ML0060 Rev 1.0
Preliminary
HARDWARE STORE CYCLE
Note m: On a hardware STORE initiation, SRAM operation continues to be enabled for time tDELAY to allow read/write cycles to complete
HARDWARE STORE CYCLE
SYMBOLS
PARAMETER
STK14EC8
UNITS
NOTES
Standard
Alternate
MIN
MAX
1tDELAY
tHLQZ
Hardware STORE to SRAM Disabled
1
70
μsm
2tHLHX
Hardware STORE Pulse Width
15
ns
HSB (OUT)
HSB (IN)
DQ (DATA OUT)
31
SRAM Enabled
32
tHLHX
SRAM Enabled
23
t STORE
tDELAY
Soft Sequence Commands
Note n: This is the amount of time that it takes to take action on a soft sequence command. Vcc power must remain high to effectively register
command.
Note o: Commands like Store and Recall lock out I/O until operation is complete which further increases this time. See specific command.
NO.
SYMBOLS
PARAMETER
STK14EC8
UNITS
NOTES
Standard
MIN
MAX
33
tSS
Soft Sequence Processing Time
70
μsn,o
31
32
Vcc
33
tSS
ADDRESS
ADDRESS #1
Soft Sequence Command
ADDRESS #6
ADDRESS #1
Soft Sequence Command
ADDRESS #6
33
tSS


Similar Part No. - STK14EC8-TF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8-TF45 SIMTEK-STK14EC8-TF45 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-TF45I SIMTEK-STK14EC8-TF45I Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-TF45ITR SIMTEK-STK14EC8-TF45ITR Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-TF45TR SIMTEK-STK14EC8-TF45TR Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
More results

Similar Description - STK14EC8-TF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8_08 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com