Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS31NSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS31NSR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS31NSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS31NSR Datasheet HTML 2Page - Texas Instruments SN65LVDS31NSR Datasheet HTML 3Page - Texas Instruments SN65LVDS31NSR Datasheet HTML 4Page - Texas Instruments SN65LVDS31NSR Datasheet HTML 5Page - Texas Instruments SN65LVDS31NSR Datasheet HTML 6Page - Texas Instruments SN65LVDS31NSR Datasheet HTML 7Page - Texas Instruments SN65LVDS31NSR Datasheet HTML 8Page - Texas Instruments SN65LVDS31NSR Datasheet HTML 9Page - Texas Instruments SN65LVDS31NSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
SN55LVDS31 ELECTRICAL CHARACTERISTICS
SN55LVDS31 SWITCHING CHARACTERISTICS
SN55LVDS31, SN65LVDS31
SN65LVDS3487, SN65LVDS9638
SLLS261L – JULY 1997 – REVISED JULY 2007
MIN NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
SN65 prefix
–40
85
TA
Operating free-air temperature
°C
SN55 prefix
–55
125
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VOD
Differential output voltage magnitude
RL = 100 Ω,
See Figure 2
247
340
454
mV
ΔVOD
Change in differential output voltage
RL = 100 Ω,
See Figure 2
–50
50
mV
magnitude between logic states
VOC(SS)
Steady-state common-mode output voltage
See Figure 3
1.125
1.2
1.375
V
Change in steady-state common-mode output
ΔVOC(SS)
See Figure 3
–50
50
mV
voltage between logic states
VOC(PP)
Peak-to-peak common-mode output voltage
See Figure 3
50
150
mV
VI = 0.8 V or 2 V, Enabled, No load
9
20
ICC
Supply current
VI = 0.8 or 2 V,
RL = 100 Ω, Enabled
25
35
mA
VI = 0 or VCC,
Disabled
0.25
1
IIH
High-level input current
VIH = 2
4
20
μA
IIL
Low-level input current
VIL = 0.8 V
0.1
10
μA
VO(Y) or VO(Z) = 0
–4
–24
IOS
Short-circuit output current
mA
VOD = 0
±12
IOZ
High-impedance output current
VO = 0 or 2.4 V
±1
μA
IO(OFF)
Power-off output current
VCC = 0,
VO = 2.4 V
±4
μA
Ci
Input capacitance
3
pF
(1)
All typical values are at TA = 25°C and with VCC = 3.3 V.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
0.5
1.4
4
ns
tPHL
Propagation delay time, high-to-low-level output
1
1.7
4.5
ns
tr
Differential output signal rise time (20% to 80%)
0.4
0.5
1
ns
RL = 100 Ω, CL = 10 pF,
See Figure 2
tf
Differential output signal fall time (80% to 20%)
0.4
0.5
1
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
0.3
0.6
ns
tsk(o)
Channel-to-channel output skew(2)
0.3
0.6
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
5.4
15
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
2.5
15
ns
See Figure 4
tPHZ
Propagation delay time, high-level-to-high-impedance output
8.1
17
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
7.3
15
ns
(1)
All typical values are at TA = 25°C and with VCC = 3.3 V.
(2)
tsk(o) is the maximum delay time difference between drivers on the same device.
6
Submit Documentation Feedback


Similar Part No. - SN65LVDS31NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31NSR TI-SN65LVDS31NSR Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31NSR TI-SN65LVDS31NSR Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31NSR TI-SN65LVDS31NSR Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31NSR TI-SN65LVDS31NSR Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS31NSR TI-SN65LVDS31NSR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED DIFFRENTIAL LINE DRIVERS
More results

Similar Description - SN65LVDS31NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com