Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS3487 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS3487
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS3487 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS3487 Datasheet HTML 3Page - Texas Instruments SN65LVDS3487 Datasheet HTML 4Page - Texas Instruments SN65LVDS3487 Datasheet HTML 5Page - Texas Instruments SN65LVDS3487 Datasheet HTML 6Page - Texas Instruments SN65LVDS3487 Datasheet HTML 7Page - Texas Instruments SN65LVDS3487 Datasheet HTML 8Page - Texas Instruments SN65LVDS3487 Datasheet HTML 9Page - Texas Instruments SN65LVDS3487 Datasheet HTML 10Page - Texas Instruments SN65LVDS3487 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
SN65LVDSxxxx ELECTRICAL CHARACTERISTICS
SN65LVDSxxxx SWITCHING CHARACTERISTICS
SN55LVDS31, SN65LVDS31
SN65LVDS3487, SN65LVDS9638
SLLS261L – JULY 1997 – REVISED JULY 2007
over recommended operating conditions (unless otherwise noted)
SN65LVDS31
SN65LVDS3487
PARAMETER
TEST CONDITIONS
UNIT
SN65LVDS9638
MIN
TYP(1) MAX
VOD
Differential output voltage magnitude
RL = 100 Ω,
See Figure 2
247
340
454
mV
Change in differential output voltage
ΔVOD
RL = 100 Ω,
See Figure 2
–50
50
mV
magnitude between logic states
1.37
VOC(SS)
Steady-state common-mode output voltage
See Figure 3
1.125
1.2
V
5
ΔVOC(S
Change in steady-state common-mode output
See Figure 3
–50
50
mV
S)
voltage between logic states
VOC(PP)
Peak-to-peak common-mode output voltage
See Figure 3
50
150
mV
VI = 0.8 V or 2 V,
Enabled, No load
9
20
SN65LVDS31,
VI = 0.8 or 2 V,
RL = 100 Ω, Enabled
25
35
mA
SN65LVDS3487
ICC
Supply current
VI = 0 or VCC,
Disabled
0.25
1
No load
4.7
8
SN65LVDS9638
VI = 0.8 V or 2 V
mA
RL = 100 Ω
9
13
IIH
High-level input current
VIH = 2
4
20
μA
IIL
Low-level input current
VIL = 0.8 V
0.1
10
μA
VO(Y) or VO(Z) = 0
–4
–24
IOS
Short-circuit output current
mA
VOD = 0
±12
IOZ
High-impedance output current
VO = 0 or 2.4 V
±1
μA
IO(OFF)
Power-off output current
VCC = 0,
VO = 2.4 V
±1
μA
Ci
Input capacitance
3
pF
(1)
All typical values are at TA = 25°C and with VCC = 3.3 V.
over recommended operating conditions (unless otherwise noted)
SN65LVDS31
SN65LVDS3487
PARAMETER
TEST CONDITIONS
UNIT
SN65LVDS9638
MIN TYP(1)
MAX
tPLH
Propagation delay time, low-to-high-level output
0.5
1.4
2
ns
tPHL
Propagation delay time, high-to-low-level output
1
1.7
2.5
ns
tr
Differential output signal rise time (20% to 80%)
0.4
0.5
0.6
ns
RL = 100 Ω, CL = 10 pF,
See Figure 2
tf
Differential output signal fall time (80% to 20%)
0.4
0.5
0.6
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
0.3
0.6
ns
tsk(o)
Channel-to-channel output skew(2)
0
0.3
ns
tsk(pp)
Part-to-part skew(3)
800
ps
tPZH
Propagation delay time, high-impedance-to-high-level output
5.4
15
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
2.5
15
ns
See Figure 4
tPHZ
Propagation delay time, high-level-to-high-impedance output
8.1
15
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
7.3
15
ns
(1)
All typical values are at TA = 25°C and with VCC = 3.3 V.
(2)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, same temperature, and have identical packages and test circuits.
7
Submit Documentation Feedback


Similar Part No. - SN65LVDS3487

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS3487 TI-SN65LVDS3487 Datasheet
277Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS3487 TI-SN65LVDS3487 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS3487 TI-SN65LVDS3487 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS3487 TI-SN65LVDS3487 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS3487 TI-SN65LVDS3487 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SN65LVDS3487

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com