Part Name
         Description
SN54HC682_07

 8-BIT MAGNITUDE COMPARATORS ( 11 Page)


TI
100% 
Zoom Out Zoom In
 
 5 page
background image
SN54HC682, SN74HC682
8-BIT MAGNITUDE COMPARATORS
SCLS018D – MARCH 1984 – REVISED MARCH 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time with one input transition per measurement.
D. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54HC684_068-BIT MAGNITUDE COMPARATORS 1 2 3 4 5 MoreTexas Instruments
SN54AS885_078-BIT MAGNITUDE COMPARATORS 1 2 3 4 5 MoreTexas Instruments
SN54ALS688_078-BIT IDENTITY COMPARATORS 1 2 3 4 5 MoreTexas Instruments
PIC16F8518/20 Pin 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief 1 2 3 4 Microchip Technology
54AC115218-BIT IDENTITY COMPARATORS 1 2 3 4 5 Texas Instruments
MM74HC6888-Bit Magnitude Comparator Equality Detector 1 2 3 4 5 MoreFairchild Semiconductor
SN54F521_068-BIT IDENTITY COMPARATORS 1 2 3 4 5 MoreTexas Instruments
CD54HC688_07High-Speed CMOS Logic 8-Bit Magnitude Comparator 1 2 3 4 5 MoreTexas Instruments
SN54LS682_078-BIT MAGNITUDE/IDENTITY COMPARATORS 1 2 3 4 5 MoreTexas Instruments
SN54HC688_078-BIT IDENTITY COMPARATORS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl