Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC3506 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GBPC3506
Description  GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GBPC3506 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GBPC3506 Datasheet HTML 1Page - Pan Jit International Inc. GBPC3506 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
REV.0-APR.7.2005
FEATURES
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
• The plastic package has Underwriters Laboratory Flammability
Classification 94V-O.
• Pb free product are available : 99% Sn above can meet Rohs
environment substance directive request
GBPC35005~GBPC3510
GLASS PASSIVATED BRIDGE RECTIFIER
MECHANICALDATA
Case:Molded plastic with heatsink integrally
mounthed in the bringe encapsulation.
Mounting position: Any
Weight: 1 ounce, 30 grams
Therminals: Plated . 25” FASTON
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
DATA SHEET
GBPC
Unit:inch(mm)
0.25(6.35)
0.299(7.6)
0.322(8.2)
METAL HEAT SINK
EPOXY CASE
1.118(28.4)
1.129(28.7)
0.658(16.7)
0.688(17.5)
0.618(15.7)
0.657(16.7)
+
-
VOLTAGE
50 to 1000 Volts
CURRENT
35 Amperes
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
C
P
B
G
5
0
0
5
3
C
P
B
G
1
0
5
3
C
P
B
G
2
0
5
3
C
P
B
G
4
0
5
3
C
P
B
G
6
0
5
3
C
P
B
G
8
0
5
3
C
P
B
G
0
1
5
3
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V RRM
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
t
l
o
V
t
u
p
n
I
e
g
d
i
r
B
S
M
R
m
u
m
i
x
a
M
V RMS
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
t
a
d
a
o
L
e
v
i
t
s
i
s
e
R
r
o
F
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
TC
5
5
=
OC
IAV
5
3A
d
a
o
L
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
N
IFSM
0
0
4A
A
5
.
7
1
t
a
t
n
e
m
e
l
E
e
g
d
i
r
B
r
e
p
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
t
n
e
r
r
u
C
d
e
i
f
i
c
e
p
S
V F
2
.
1V
T
@
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
m
u
m
i
x
a
M
A
5
2
=
OC
T
@
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
c
D
A
0
0
1
=
OC
IR
0
.
0
1
0
0
0
1
A
u
I2
)
s
m
5
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
R
t
I2t0
6
6A 2t
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
R
θ C
J0
.
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ,TSTG
0
5
1
+
o
t
5
5
-
OC


Similar Part No. - GBPC3506

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3506 PANJIT-GBPC3506 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
logo
Gulf Semiconductor
GBPC3506 GULFSEMI-GBPC3506 Datasheet
124Kb / 3P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:35.0A
logo
Shenzhen Yixinwei Techn...
GBPC3506 YIXIN-GBPC3506 Datasheet
549Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Surge Components
GBPC3506 SURGE-GBPC3506 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBPC3506 SECOS-GBPC3506 Datasheet
345Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results

Similar Description - GBPC3506

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
   Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
   Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
Zowie Technology Corpor...
KBL02 ZOWIE-KBL02 Datasheet
55Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
DB101 SUNMATE-DB101 Datasheet
251Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBJ8D ZOWIE-GBJ8D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10D ZOWIE-GBJ10D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com