Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBP300 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GBP300
Description  IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GBP300 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GBP300_04 Datasheet HTML 1Page - Pan Jit International Inc. GBP300_04 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-APR.09.2004
FEATURES
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic technique
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
GBP300~GBP3010
IN-LINEGLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MECHANICALDATA
Terminals: Leads solderable per MIL-STD-202,
Method 208
Mounting position: Any
Weight: 0.06 ounce, 1.7 grams
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
DATA SHEET
GBP
Unit: inch (mm)
.581(14.75)
.144(3.65)
.044(1.1)
.057(1.45)
.034(0.86)
.026(0.65)
.160(4.06)
.160(4.06)
.160(4.06)
C .111(2.8)
.561(14.25)
.131(3.35)
.031(0.8)
.045(1.15)
.026(0.66)
.013(0.35)
.140(3.56)
.140(3.56)
.140(3.56)
NOTES:
1. Measured at 1.0MHZ and applied reverse voltage of 4.0 volts
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B with 0.47 x 0.47"(12 x 12mm)copper pads.
Recognized File #E228882
VOLTAGE
50 to 1000 Volts
3.0 Amperes
CURRENT
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S0
0
3
P
B
G1
0
3
P
B
G2
0
3
P
B
G4
0
3
P
B
G6
0
3
P
B
G8
0
3
P
B
G0
1
0
3
P
B
GS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V RRM
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
t
l
o
V
t
u
p
n
I
e
g
d
i
r
B
S
M
R
m
u
m
i
x
a
M
V RMS
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
T
t
a
t
n
e
r
r
u
C
t
u
p
t
u
O
d
e
i
f
i
t
c
e
R
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
A
0
5
=
OC
IAV
0
.
3A
I2
)
s
m
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
R
t
I2t
0
2A 2
c
e
s
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
e
l
g
n
i
s
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
IFSM
0
7A
t
a
t
n
e
m
e
l
e
r
e
p
p
o
r
D
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
A
5
.
1
V F
0
.
1k
p
V
T
@
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
m
u
m
i
x
a
M
A
5
2
=
OC
T
@
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
c
D
A
0
0
1
=
OC
IR
0
.
5
0
0
5
A
u
)
1
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C J
5
2F
p
)
2
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
R
θ A
J
R
θ L
J
4
3
5
1
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ,TSTG
0
5
1
+
o
t
5
5
-
OC


Similar Part No. - GBP300_04

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBP3005 CHENG-YI-GBP3005 Datasheet
175Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
HY ELECTRONIC CORP.
GBP3005 HY-GBP3005 Datasheet
398Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
GBP3005 LUGUANG-GBP3005 Datasheet
165Kb / 2P
   Silicon Bridge Rectifiers
logo
Zibo Seno Electronic En...
GBP3005 ZSELEC-GBP3005 Datasheet
85Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
Diode Semiconductor Kor...
GBP3005 DSK-GBP3005 Datasheet
163Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - GBP300_04

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
GBP200 JUXING-GBP200 Datasheet
360Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
2KBP005M PANJIT-2KBP005M Datasheet
88Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBL400 PANJIT-GBL400_04 Datasheet
47Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBJ3501 ETC1-KBJ3501 Datasheet
601Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GPJ10A PANJIT-GPJ10A Datasheet
104Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP200 PANJIT-GBP200_04 Datasheet
36Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Transys Electronics
2KBP005M TRSYS-2KBP005M Datasheet
145Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE
logo
Pan Jit International I...
KBJ1500 PANJIT-KBJ1500 Datasheet
103Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBJ2500 PANJIT-KBJ2500 Datasheet
102Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GBP200 YEASHIN-GBP200 Datasheet
377Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com