Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR7351K Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # BR7351K
Description  Single Color Rectangular Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

BR7351K Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button BR7351K Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. BR7351K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. BR7351K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. BR7351K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. BR7351K Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. BR7351K Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. BR7351K Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. BR7351K Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. BR7351K Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Page 10
2004.10.29
7351K Series
Ambient Temperature vs. Relative Intensity
Condition : I
F=20mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Technical Data(PG)
Ambient Temperature vs. Forward Voltage
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Single Color Rectangular Shape Type


Similar Part No. - BR7351K

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BR7.25 KINGBRIGHT-BR7.25 Datasheet
57Kb / 2P
   SPACER FOR LED LAMP
BR7.62 KINGBRIGHT-BR7.62 Datasheet
57Kb / 2P
   SPACER FOR LED LAMP
BR7.7 KINGBRIGHT-BR7.7 Datasheet
56Kb / 2P
   SPACER FOR LED LAMP
logo
Extech Instruments Corp...
BR70 EXTECH-BR70 Datasheet
160Kb / 1P
   Video Borescope Inspection Camera
logo
TDK Electronics
BR7000 TDK-BR7000 Datasheet
393Kb / 8P
   Film Capacitors ??Power Factor Correction
More results

Similar Description - BR7351K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG5351K STANLEY-BG5351K Datasheet
403Kb / 33P
   Single Color Rectangular Shape Type
MBG5352K STANLEY-MBG5352K Datasheet
402Kb / 33P
   Single Color Rectangular Shape Type
MBG5353K STANLEY-MBG5353K Datasheet
407Kb / 33P
   Single Color Rectangular Shape Type
MBG5356K STANLEY-MBG5356K Datasheet
413Kb / 33P
   Single Color Rectangular Shape Type
AABG4607K STANLEY-AABG4607K_12 Datasheet
1Mb / 18P
   Bi-color Rectangular Shape Type
AABG4607K STANLEY-AABG4607K Datasheet
346Kb / 21P
   Bi-color Rectangular Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com