Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAA5379K Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # MAA5379K
Description  Single Color Semi-Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MAA5379K Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  MAA5379K Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Electro-Optical Characteristics(MBG,MPG,MPY,MAY,MAA,MVR,BR)
Page 4
2004.10.29
Single Color Semi-Round Shape Type
5379K Series
Conditions
MBG
MPG
MPY
MAY
MAA
MVR
BR
TYP.
2.1
2.1
2.1
2.2
2.2
2.0
1.7
MAX.
2.8
2.8
2.8
2.8
2.8
2.8
2.0
Reverse Current
VR=4V
IR
MAX.
20
20
20
20
20
20
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
555
560
570
580
605
630
660
nm
Dominant
Wavelength
IF=20mA
λd
TYP.
558
567
572
590
606
624
647
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
30
30
30
30
30
30
30
nm
28(θx)
24(θx)
25(θx)
24(θx)
25(θx)
23(θx)
25(θx)
18(θy)
15(θy)
19(θy)
18(θy)
15(θy)
14(θy)
15(θy)
deg.
Half Intensity
Angle
IF=20mA 2θ1/2
TYP.
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
(Ta=25℃)
Conditions
MPR
TYP.
2.1
MAX.
2.8
Reverse Current
VR=4V
IR
MAX.
20
μA
Peak Wavelength IF=10mA
λp
TYP.
700
nm
Dominant
Wavelength
IF=10mA
λ
d
TYP.
630
nm
Spectral Line Half
Width
IF=10mA
⊿λ
TYP.
100
nm
24(θx)
13(θy)
deg.
Half Intensity
Angle
IF=10mA 2θ1/2 TYP.
Item
Symbol
Unit
Forward Voltage
IF=10mA
VF
V
Characteristics
Electro-Optical Characteristics(MPR)
(Ta=25℃)


Similar Part No. - MAA5379K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAA5379K ETC2-MAA5379K Datasheet
398Kb / 33P
   Single Color Semi-Round Shape Type
More results

Similar Description - MAA5379K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5379K ETC2-5379K Datasheet
398Kb / 33P
   Single Color Semi-Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
MBG3363K STANLEY-MBG3363K Datasheet
415Kb / 33P
   Single Color Semi-Round Shape Type
MBG3373K STANLEY-MBG3373K Datasheet
407Kb / 33P
   Single Color Semi-Round Shape Type
MBG4868K STANLEY-MBG4868K Datasheet
432Kb / 33P
   Single Color Semi-Round Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
KR4305S STANLEY-KR4305S Datasheet
183Kb / 12P
   Single Color ?4 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com