Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4013YMA-120 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ4013YMA-120
Description  128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4013YMA-120 Datasheet(HTML) 5 Page - Texas Instruments

  BQ4013YMA-120 Datasheet HTML 1Page - Texas Instruments BQ4013YMA-120 Datasheet HTML 2Page - Texas Instruments BQ4013YMA-120 Datasheet HTML 3Page - Texas Instruments BQ4013YMA-120 Datasheet HTML 4Page - Texas Instruments BQ4013YMA-120 Datasheet HTML 5Page - Texas Instruments BQ4013YMA-120 Datasheet HTML 6Page - Texas Instruments BQ4013YMA-120 Datasheet HTML 7Page - Texas Instruments BQ4013YMA-120 Datasheet HTML 8Page - Texas Instruments BQ4013YMA-120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS (T
A = TOPR)
DC ELECTRICAL CHARACTERISTICS
bq4013/Y/LY
SLUS121A – MAY 1999 – REVISED MAY 2007
PARAMETER
CONDITION
VALUE
UNIT
bq4013Y
–0.3 to 7.0
VCC
DC voltage applied on VCC relative to VSS
bq4013
–0.3 to 7.0
V
bq4013LY
–0.3 to 6.0
bq4013Y
–0.3 to 7.0
DC voltage applied on any pin excluding
VT
VVT≤ VCC +0.3 V
bq4013
–0.3 to 7.0
V
VCC relative to VSS
bq4013LY
–0.3 to (VCC + 0.3)
Commercial
0 to 70
TOPR
Operating temperature
Industrial
–40 to 85
Commercial
–10 to 70
TSTG
Storage temperature
Industrial
–40 to 85
°C
Commercial
–10 to 70
TBIAS
Temperature under bias
Industrial
–40 to 85
TSOLDER
Soldering temperature
For 10 seconds
260
(1)
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be limited to the
Recommended DC Operating Conditions detailed in this data sheet. Exposure to conditions beyond the operational limits for extended
periods of time may affect device reliability.
MIN
TYP(1)
MAX
UNIT
bq4013Y
4.50
5.00
5.50
VCC
Supply voltage
bq4013
4.75
5.00
5.50
bq4013LY
3.00
3.30
3.60
V
VSS
Supply voltage
0
0
0
VIL
Low-level input voltage
–0.3
0.8
VIH
High-level Input voltage
2.2
VCC + 0.3
(1)
Typical values indicate operation at TA = 25°C.
T
A = TOPR, VCC(min)≤ VCC≤ VCC(max)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
ILI
Input leakage current
VIN = VSS to VCC
±1
µA
ILO
Output leakage current
CE = VIH or OE = VIH or WE = VIL
±1
VOH
Output high voltage
IOH = –1.0 mA
2.4
V
VOL
Output low voltage
IOL = 2.1 mA
0.4
ISB1
Standby supply current
CE = VIH
1
2
µA
CE
≥ V
CC– 0.2 V, 0V ≤ VIN≤ 0.2 V,
ISB2
Standby supply current
0.1
1
mA
or VIN≥ VCC– 0.2
bq4013
50
Minimum cycle, duty = 100%,
ICC
Operating supply current
bq4013Y
mA
CE = VIL, II/O = 0 mA
bq4013LY
50
bq4013
4.55
4.62
4.75
VPFD
Power-fail-detect voltage
bq4013Y
4.30
4.37
4.50
bq4013LY
2.85
2.90
2.95
V
bq4013
3
VSO
Supply switch-over voltage
bq4013Y
3
bq4013LY
2.9
(1)
Typical values indicate operation at TA = 25°C, VCC = 5.0 V or VCC = 3.3 V.
5
Submit Documentation Feedback


Similar Part No. - BQ4013YMA-120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013YMA-120 TI-BQ4013YMA-120 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
BQ4013YMA-120 TI1-BQ4013YMA-120 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4013YMA-120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
logo
Cypress Semiconductor
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com