Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4013 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ4013
Description  128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4013 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ4013 Datasheet HTML 2Page - Texas Instruments BQ4013 Datasheet HTML 3Page - Texas Instruments BQ4013 Datasheet HTML 4Page - Texas Instruments BQ4013 Datasheet HTML 5Page - Texas Instruments BQ4013 Datasheet HTML 6Page - Texas Instruments BQ4013 Datasheet HTML 7Page - Texas Instruments BQ4013 Datasheet HTML 8Page - Texas Instruments BQ4013 Datasheet HTML 9Page - Texas Instruments BQ4013 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
CAPACITANCE (T
A = 25°C, f = 1 MHz, VCC = 5.0 V or VCC = 3.3 V)
AC TEST CONDITIONS
100 pF
1 kW
1.9 kW
+ 5 V
D
OUT
5 pF
1 kW
1.9 kW
+ 5 V
D
OUT
30 pF
1.4 kW
1.2 kW
+ 3.3 V
D
OUT
5 pF
1.4 kW
1.2 kW
+ 3.3 V
D
OUT
bq4013/Y/LY
SLUS121A – MAY 1999 – REVISED MAY 2007
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CI/O
Input/output capacitance
Output voltage = 0 V
8
pF
CIN
Input capacitance
Input voltage = 0 V
10
(1)
Ensured by design. Not production tested.
TEST CONDITIONS
PARAMETER
5 V
3.3 V
Input pulse levels
0 V to 3.0 V
0 V to VCC
Input rise and fall times
5 ns
5 ns
Input and output timing reference levels
1.5 V (unless otherwise specified)
50 %
Output load (including scope and jig)
See Figure 1 and Figure 2
See Figure 3 and Figure 4
Figure 1. 5-V Output Load A
Figure 2. 5-V Output Load B
Figure 3. 3.3-V Output Load A
Figure 4. 3.3-V Output Load B
6
Submit Documentation Feedback


Similar Part No. - BQ4013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI-BQ4013 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
BQ4013 TI1-BQ4013 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013LYMA-70 TI1-BQ4013LYMA-70 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013LYMA-70N TI1-BQ4013LYMA-70N Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013MA-120 TI-BQ4013MA-120 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
logo
Cypress Semiconductor
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com