Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VR5307S Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # VR5307S
Description  Single Color ?5 Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VR5307S Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  VR5307S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VR5307S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VR5307S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VR5307S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VR5307S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VR5307S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VR5307S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VR5307S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VR5307S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
A
2.0
4.0
4.0
8.0
5.0
10.0
3.0
6.0
3.0
6.0
3.0
6.0
5.0
10.0
0.60
1.20
B
2.8
5.6
5.6
11.2
7.0
14.0
4.2
8.4
4.2
8.4
4.2
8.4
7.0
14.0
0.84
1.68
C
4.0
8.0
8.0
16.0
10.0
20.0
6.0
12.0
6.0
12.0
6.0
12.0
10.0
20.0
1.20
2.40
D
5.6
11.2
11.2
22.4
14.0
28.0
8.4
16.8
8.4
16.8
8.4
16.8
14.0
28.0
1.68
3.36
E
8.0
-
16.0
-
20.0
-
12.0
-
12.0
-
12.0
-
20.0
-
2.40
-
Please contact our sales staff concerning rank designation.
IF=20mA
IV(mcd)
PR
IF=10mA
IF=20mA
IF=20mA
VR
IF=20mA
Rank
PG
PY
BR
BG
IF=20mA
IF=20mA
IF=20mA
AY
AA
Luminous Intensity Rank
Page 5
2007.3.30
5307S Series
(Ta=25℃)
Single Color φ5 Round Shape Type


Similar Part No. - VR5307S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VR5307S ETC2-VR5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
More results

Similar Description - VR5307S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
5335S STANLEY-5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
BR5335S STANLEY-BR5335S Datasheet
2Mb / 33P
   Single Color 5 Round Shape Type
WR5005S STANLEY-WR5005S Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com