Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR5305S Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # PR5305S
Description  Single Color ?5 Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PR5305S Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button PR5305S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PR5305S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PR5305S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PR5305S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PR5305S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. PR5305S Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. PR5305S Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. PR5305S Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. PR5305S Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Page 9
2004.10.29
Single Color φ5 Round Shape Type
5305S Series
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 20mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)
Technical Data(EPG/PG)


Similar Part No. - PR5305S

ManufacturerPart #DatasheetDescription
logo
PREMA Semiconductor.
PR5301-050 PREMA-PR5301-050 Datasheet
367Kb / 4P
   Sensor IC for Incremental Optical Encoders for resolutions of 50, 150 or 300 lpi
PR5301-150 PREMA-PR5301-150 Datasheet
367Kb / 4P
   Sensor IC for Incremental Optical Encoders for resolutions of 50, 150 or 300 lpi
PR5301-300 PREMA-PR5301-300 Datasheet
367Kb / 4P
   Sensor IC for Incremental Optical Encoders for resolutions of 50, 150 or 300 lpi
PR5301-BD PREMA-PR5301-BD Datasheet
367Kb / 4P
   Sensor IC for Incremental Optical Encoders for resolutions of 50, 150 or 300 lpi
PR5301-TM PREMA-PR5301-TM Datasheet
367Kb / 4P
   Sensor IC for Incremental Optical Encoders for resolutions of 50, 150 or 300 lpi
More results

Similar Description - PR5305S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
5335S STANLEY-5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
BR5335S STANLEY-BR5335S Datasheet
2Mb / 33P
   Single Color 5 Round Shape Type
BG5307S STANLEY-BG5307S Datasheet
436Kb / 33P
   Single Color ?5 Round Shape Type
WR5005S STANLEY-WR5005S Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com