Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5150AEEVADJY Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME5150AEEVADJY
Description  Micropower Inverting DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5150AEEVADJY Datasheet(HTML) 5 Page - Analog Microelectronics

  AME5150AEEVADJY Datasheet HTML 1Page - Analog Microelectronics AME5150AEEVADJY Datasheet HTML 2Page - Analog Microelectronics AME5150AEEVADJY Datasheet HTML 3Page - Analog Microelectronics AME5150AEEVADJY Datasheet HTML 4Page - Analog Microelectronics AME5150AEEVADJY Datasheet HTML 5Page - Analog Microelectronics AME5150AEEVADJY Datasheet HTML 6Page - Analog Microelectronics AME5150AEEVADJY Datasheet HTML 7Page - Analog Microelectronics AME5150AEEVADJY Datasheet HTML 8Page - Analog Microelectronics AME5150AEEVADJY Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AME, Inc.
5
AME5150
Micropower Inverting
DC/DC Converter
Rev.A.01
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Thermal Resistance*
(Junction to Case)
θ
JC
81
Thermal Resistance
(Junction to Ambient)
θ
JA
260
Internal Power Dissipation
PD
400
mW
350
oC
oC / W
Solder Iron (10Sec)**
SOT-25
TSOT-25
Conductive Epoxy
n Absolute Maximum Ratings
n Thermal Information
Caution: Stress above the listed absolute rating may cause permanent damage to the device.
* HBM B: 2000~3999V
n Recommented Operating Conditions
* Measure
θ
JC on backside center of molding compund if IC has no tab.
** MIL-STD-202G 210F
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to 85
Junction Temperature Range
TJ
- 40 to 125
Storage Temperature Range
TSTG
- 65 to 150
OC
Parameter
Symbol
Maximum
Unit
Input Supply Voltage
VIN
6
V
EN, NFB Voltages
EN,VNFB
VIN
V
SW Voltage
VSW
VOUT + 0.3
V
N-Channel Switch Sink Current
ISW
600
mA
ESD Classification
B*


Similar Part No. - AME5150AEEVADJY

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV12AZ AME-AME5104ACDV12AZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV330Z AME-AME5104ACDV330Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV500Z AME-AME5104ACDV500Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDVADJZ AME-AME5104ACDVADJZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
More results

Similar Description - AME5150AEEVADJY

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
logo
Linear Technology
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
   Inverting Micropower DC/DC Converter with Schottky
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
   Micropower DC-DC Converter
REV. 0
ADP1173 AD-ADP1173 Datasheet
478Kb / 16P
   Micropower DC-DC Converter
REV. 0
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
   1.0MHz Inverting DC/DC Converter
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com