Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5150AEEVADJZ Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME5150AEEVADJZ
Description  Micropower Inverting DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5150AEEVADJZ Datasheet(HTML) 4 Page - Analog Microelectronics

  AME5150AEEVADJZ Datasheet HTML 1Page - Analog Microelectronics AME5150AEEVADJZ Datasheet HTML 2Page - Analog Microelectronics AME5150AEEVADJZ Datasheet HTML 3Page - Analog Microelectronics AME5150AEEVADJZ Datasheet HTML 4Page - Analog Microelectronics AME5150AEEVADJZ Datasheet HTML 5Page - Analog Microelectronics AME5150AEEVADJZ Datasheet HTML 6Page - Analog Microelectronics AME5150AEEVADJZ Datasheet HTML 7Page - Analog Microelectronics AME5150AEEVADJZ Datasheet HTML 8Page - Analog Microelectronics AME5150AEEVADJZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AME, Inc.
4
Micropower Inverting
DC/DC Converter
AME5150
Rev.A.01
n Ordering Information
Note: ww represents the date code and pls refer to Date Code Rule on Package Dimension.
* A line on top of the first letter represents lead free plating such as BISww.
Please consult AME sales office or authorized Rep./Distributor for the availability of package type.
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME5150 x x x x xxx x
Output Voltage
n Ordering Information
A
1. SW
E: -40OC to 85OC
E: SOT-2X
V: 5
ADJ: Adjustable
Z:
Lead free
(SOT-25)
2. GND
Y:
Lead free
(TSOT-25)
3. NFB
& Low profile
4. EN
5. IN
Output Voltage
Special Feature
Pin
Configuration
Operating Ambient
Temperature Range
Package
Type
Number
of
Pins
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME5150AEEVADJZ
BISww
ADJ
SOT-25
-40
OC to 85OC
AME5150AEEVADJY
BISww
ADJ
TSOT-25
-40
OC to 85OC


Similar Part No. - AME5150AEEVADJZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV12AZ AME-AME5104ACDV12AZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV330Z AME-AME5104ACDV330Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV500Z AME-AME5104ACDV500Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDVADJZ AME-AME5104ACDVADJZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
More results

Similar Description - AME5150AEEVADJZ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
logo
Linear Technology
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
   Inverting Micropower DC/DC Converter with Schottky
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
   Micropower DC-DC Converter
REV. 0
ADP1173 AD-ADP1173 Datasheet
478Kb / 16P
   Micropower DC-DC Converter
REV. 0
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
   1.0MHz Inverting DC/DC Converter
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com