Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS8692 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS8692
Description  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS8692 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS8692 Datasheet HTML 1Page - Fairchild Semiconductor FDMS8692 Datasheet HTML 2Page - Fairchild Semiconductor FDMS8692 Datasheet HTML 3Page - Fairchild Semiconductor FDMS8692 Datasheet HTML 4Page - Fairchild Semiconductor FDMS8692 Datasheet HTML 5Page - Fairchild Semiconductor FDMS8692 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
©2007 Fairchild Semiconductor Corporation
FDMS8692 Rev.C
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, referenced to 25°C
20
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24V, VGS = 0V
1
µA
IGSS
Gate to Source Leakage Current
VGS = ±20V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1
1.8
3
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250µA, referenced to 25°C
-5.4
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 12A
7.0
9.0
m
VGS = 4.5, ID = 10.5A
10.5
14.0
VGS = 10V, ID = 12A, TJ = 125°C
10.0
13.0
gFS
Forward Transconductance
VDD = 10V, ID = 12A
58
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
950
1265
pF
Coss
Output Capacitance
515
685
pF
Crss
Reverse Transfer Capacitance
85
130
pF
Rg
Gate Resistance
f = 1MHz
1.0
4.0
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 15V, ID = 12A,
VGS = 10V, RGEN = 6Ω
9
18
ns
tr
Rise Time
3
10
ns
td(off)
Turn-Off Delay Time
19
34
ns
tf
Fall Time
2
10
ns
Qg
Total Gate Charge
VGS = 0V to 10V
VDD = 15V,
ID = 12A
15
21
nC
Qg
Total Gate Charge
VGS = 0V to 5V
8
11
nC
Qgs
Gate to Source Charge
2.7
nC
Qgd
Gate to Drain “Miller” Charge
2.1
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = 2.1A
(Note 2)
0.7
1.2
V
VGS = 0V, IS = 12A
0.8
1.2
V
trr
Reverse Recovery Time
IF = 12A, di/dt = 100A/µs
29
47
ns
Qrr
Reverse Recovery Charge
14
25
nC
NOTES:
1. RθJA is determined with the device mounted on a 1in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3. Starting TJ = 25°C, L = 3mH, IAS = 10A, VDD = 30V, VGS = 10V.
b. 125°C/W when mounted on a
minimum pad of 2 oz copper.
a. 50°C/W when mounted on a
1in2 pad of 2 oz copper.


Similar Part No. - FDMS8692

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8690 FAIRCHILD-FDMS8690 Datasheet
570Kb / 7P
   N-Channel PowerTrench MOSFET
FDMS8690 FAIRCHILD-FDMS8690 Datasheet
308Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 27A, 9.0m?
FDMS8690 FAIRCHILD-FDMS8690_07 Datasheet
308Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 27A, 9.0m?
More results

Similar Description - FDMS8692

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com