Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBG1105W Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # HBG1105W
Description  Single Color 3216 Dome Lenz Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

HBG1105W Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  HBG1105W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Color and Luminous Intensity
Page 2
TYP.
I
F
MIN.
T YP.
I
F
HBG1105W
Ga P
Gre e n
558
20
6
12
20
HP G1105W
Ga P
Gre e n
567
20
15
30
20
HP Y1105W
Ga P
Ye llow
Green
572
20205020
HAY1105W
Ga AsP
Ye llow
590
20
10
20
20
HAA1105W
Ga AsP
Ora ng e
606
20
10
20
20
HBR1105W
Ga AlAs
Re d
647
20
25
50
20
Part No.
Material
Emitted
Color
Wa te r
Cle a r
Iv (mc d)
Lens
Color
Luminous Intens ity
Dominant
Wavelength
λd (nm)
2004.10.29
Single Color 3216 Dome Lenz Type
1105W Series
(Ta=25℃)


Similar Part No. - HBG1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HBG1105W STANLEY-HBG1105W Datasheet
549Kb / 21P
   Single Color 3216 Dome Lenz Type
HBG1105W STANLEY-HBG1105W Datasheet
156Kb / 2P
   H 1105W Series, Dome Lens Type SMT LED
More results

Similar Description - HBG1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HPG1105W-TR STANLEY-HPG1105W-TR Datasheet
549Kb / 21P
   Single Color 3216 Dome Lenz Type
BR1101W-TR STANLEY-BR1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1101W-TR STANLEY-PY1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
AA1102W-TR STANLEY-AA1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1102W-TR STANLEY-PY1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PS1105WA STANLEY-PS1105WA Datasheet
246Kb / 10P
   Surface Mount Phototransistor/Dome Lenz Type
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
BG1111R STANLEY-BG1111R Datasheet
441Kb / 21P
   Single Color 3216 Reverse Mount Type
FR1105W-TR STANLEY-FR1105W-TR Datasheet
440Kb / 19P
   3216 Dome Lens Type, Water Clear resin
1105W STANLEY-1105W Datasheet
305Kb / 16P
   Single Color Dome Lens Type (High Reliability type, V-Series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com