Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9818F-13PV Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9818F-13PV
Description  Micro-Power Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9818F-13PV Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9818F-13PV Datasheet HTML 1Page - Richtek Technology Corporation RT9818F-13PV Datasheet HTML 2Page - Richtek Technology Corporation RT9818F-13PV Datasheet HTML 3Page - Richtek Technology Corporation RT9818F-13PV Datasheet HTML 4Page - Richtek Technology Corporation RT9818F-13PV Datasheet HTML 5Page - Richtek Technology Corporation RT9818F-13PV Datasheet HTML 6Page - Richtek Technology Corporation RT9818F-13PV Datasheet HTML 7Page - Richtek Technology Corporation RT9818F-13PV Datasheet HTML 8Page - Richtek Technology Corporation RT9818F-13PV Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9818
4
DS9818-05
March 2007
www.richtek.com
Note 1. Stresses listed as the above
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 5. The voltage VOL can be calculated by VOL = VDD
− Ir * R. Where R is the pull-up resistor and Ir is the current flowing
through the pull-up resistor. For typical application (R=100k
Ω), VOL is less than 0.2V.


Similar Part No. - RT9818F-13PV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9818F-13PV RICHTEK-RT9818F-13PV Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
RT9818F-13PVL RICHTEK-RT9818F-13PVL Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
More results

Similar Description - RT9818F-13PV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_11 Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_13 Datasheet
239Kb / 13P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_16 Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
logo
List of Unclassifed Man...
RT9808 ETC-RT9808 Datasheet
200Kb / 12P
   MICRO POWER VOLTAGE DETECTORS
RT9809 ETC-RT9809 Datasheet
142Kb / 6P
   MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com