Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX4HGSM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX4HGSM
Description  High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX4HGSM Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX4HGSM Datasheet HTML 1Page - STATEK CORPORATION CX4HGSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER CX4HGSM AT CRYSTALS
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10165 Rev B
CX4
S
HG1
C
SM1 –
32.0M
,
100
/
100
/
/
I
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
TERMINATIONS
Designation
Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
Max Process Temperature
260
OC for 20 sec
“S” if special or
custom design.
Blank if standard
Shock Level
HG1 = 10,000 g
HG2 = 20,000 g
HG3 = 30,000 g
HG4 = 50,000 g
HG5 = 75,000 g
HG6 = 100,000 g
C = Ceramic Lid
Blank = Glass Lid
Termination
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated
(Lead Free)
SM5 = Solder Dipped
(Lead Free)
Frequency
M = MHz
Calibration
Tolerance
@25
OC
(in ppm)
Frequency
Stability over
Temp. Range
Operating Temp. Range:
C= -10
OC to +70OC
I
= -40
OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
Total
Frequency
Tolerance
(in ppm)
Operating Temp. Range:
C= -10
OC to +70OC
I
= -40
OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
OR
PACKAGING OPTIONS
• Tray Pack
• Tape and Reel
Per EIA 481 (see Tape and Reel data sheet 10109)
Pb
0.092 (2.3)
inches (mm)
0.059 (1.5)
0.160 (4.0)
SUGGESTED LAND PATTERN
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted. Specifications are subject to change without notice.
Fundamental Frequency
14.7456 MHz
16MHz
20 MHz
32 MHz
40 MHz
Motional Resistance R1 (Ω)60
75
50
30
30
Motional Capacitance C1 (fF)
1.4
1.5
1.4
2.5
1.5
Quality Factor Q (k)
120
90
110
70
90
Shunt Capacitance C0 (pF)
0.8
0.9
0.9
1.1
1.0
Frequency Range
1
14 MHz to 50 MHz
Calibration Tolerance
2
100 ppm, or tighter as required
Load Capacitance
10 pF (unless specified otherwise)
Drive Level
200
µW MAX
Frequency-Temperature
50 ppm to
10 ppm (Commercial)
Stability
2,3
100 ppm to
20 ppm (Industrial)
100 ppm to
30 ppm (Military)
Aging, first year
4
10 ppm MAX
Shock, survival
Up to 100,000 g, 0.5 ms, 1/2 sine
Vibration, survival
5
20 g, 10-2,000 Hz swept sine
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
OC for 20 sec
1. Other frequencies available. Contact factory.
2. Other tolerances available. Contact factory.
3. Does not include calibration tolerance. The characteristics of the frequency stability over
temperature follow that of the AT thickness-shear mode.
4. Lower aging available at low shock levels.
5. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
+
_
+
_
+
_
+
_
+
_
+
_
+
_
—/
/
200
/
I


Similar Part No. - CX4HGSM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX4HGSM STATEK-CX4HGSM Datasheet
80Kb / 2P
   High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX4HGSM STATEK-CX4HGSM_12 Datasheet
80Kb / 2P
   High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
More results

Similar Description - CX4HGSM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX4HGSM STATEK-CX4HGSM_12 Datasheet
80Kb / 2P
   High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX3HGSM STATEK-CX3HGSM_09 Datasheet
137Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount AT Quartz Crystal
CX11LHG STATEK-CX11LHG Datasheet
191Kb / 2P
   High Shock, Ultra Low Profile, Ultra-Miniature AT Quartz Crystal
CX-1 STATEK-CX-1_11 Datasheet
77Kb / 2P
   High Shock Miniature Surface Mount AT Quartz Crystal
CX9 STATEK-CX9 Datasheet
182Kb / 2P
   Low Profile, Ultra Miniature Surface Mount AT Quartz Crystal
CX6SMAT STATEK-CX6SMAT Datasheet
64Kb / 2P
   Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9SM STATEK-CX9SM Datasheet
59Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
CX6SM STATEK-CX6SM_08 Datasheet
160Kb / 2P
   Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX14SM STATEK-CX14SM Datasheet
198Kb / 2P
   Ultra-Miniature, Ultra-Low Profile Surface Mount AT Quartz Crystal
CX17 STATEK-CX17 Datasheet
161Kb / 2P
   Ultra-Miniature, Ultra-Low Profile Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com