Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ23C75 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # DZ23C75
Description  DUAL SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DZ23C75 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  DZ23C75 Datasheet HTML 1Page - Pan Jit International Inc. DZ23C75 Datasheet HTML 2Page - Pan Jit International Inc. DZ23C75 Datasheet HTML 3Page - Pan Jit International Inc. DZ23C75 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-DEC.01.2006
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
DZ23C2V4 SERIES


Similar Part No. - DZ23C75

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DZ23C75 MCC-DZ23C75 Datasheet
131Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
DZ23C75 MCC-DZ23C75 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
DZ23C75-TP MCC-DZ23C75-TP Datasheet
131Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - DZ23C75

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AZ23C2V4 PANJIT-AZ23C2V4_08 Datasheet
139Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODES
AZ23C2V4 PANJIT-AZ23C2V4 Datasheet
170Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODES
logo
Diotec Semiconductor
2BZX84C3V0 DIOTEC-2BZX84C3V0_07 Datasheet
120Kb / 2P
   Surface mount Silicon Planar Dual Zener Diodes
logo
Vishay Siliconix
TDSL110 VISHAY-TDSL110 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C2V7 VISHAY-DZ23C2V7 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
AZ23C27-51 BWTECH-AZ23C27-51 Datasheet
470Kb / 5P
   300 mw Dual Surface Mount Zener Diodes
logo
Diotec Semiconductor
2BZX84C3V0 DIOTEC-2BZX84C3V0 Datasheet
126Kb / 2P
   Dual Surface Mount Silicon Planar Zener Diodes
logo
Diode Semiconductor Kor...
AZ23C2V7 DSK-AZ23C2V7 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Diotec Semiconductor
2BZX84C3V0 DIOTEC-2BZX84C3V0_15 Datasheet
117Kb / 2P
   Surface mount Silicon Planar Dual Zener Diodes
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com